Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EVALAD5933EB Datasheet(PDF) 12 Page - Analog Devices

No. de pieza EVALAD5933EB
Descripción Electrónicos  Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

EVALAD5933EB Datasheet(HTML) 12 Page - Analog Devices

Back Button EVALAD5933EB Datasheet HTML 8Page - Analog Devices EVALAD5933EB Datasheet HTML 9Page - Analog Devices EVALAD5933EB Datasheet HTML 10Page - Analog Devices EVALAD5933EB Datasheet HTML 11Page - Analog Devices EVALAD5933EB Datasheet HTML 12Page - Analog Devices EVALAD5933EB Datasheet HTML 13Page - Analog Devices EVALAD5933EB Datasheet HTML 14Page - Analog Devices EVALAD5933EB Datasheet HTML 15Page - Analog Devices EVALAD5933EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
EVAL-AD5933EB
Preliminary Technical Data
Rev. PrC | Page 12 of 32
The gain factor, which is calculated once at system calibration,
must be calibrated correctly for a particular impedance range
before any subsequent impedance measurement is valid (refer
to the AD5933 data sheet for a more detailed explanation of
gain factor).
The evaluation software can evaluate either a single midpoint
frequency gain factor or multipoint frequency gain factors (that
is, a gain factor for each point in the programmed sweep); see
Arrow 3. The midpoint gain factor is determined at the midpoint
of the programmed sweep; the multipoint gain factors are deter-
mined at each point in the programmed frequency sweep. After
you click Calculate Gain Factor, the software automatically
calculates the gain factor(s) for the subsequent sweep.
Once the midpoint gain factor or the multipoint gain factors
have been calculated, a message is returned to the main dialog
box of the evaluation software (see Figure 15). The gain factor(s)
returned to the evaluation software are subsequently used for
the sweep across the impedance being tested.
Figure 15. Confirmation of a Midpoint Gain Factor Calculation or a
Multipoint Gain Factors Calculation
After the system interface software calculates the gain factor(s)
for the programmed sweep parameters, this value appears in the
Calculated Gain Factor
section in the main dialog box of the
evaluation software.
However, it is important to note that if you change any of the
system gain settings (for example, if you change the output
excitation range, PGA gain, etc.) after the system has been
calibrated (that is, after the gain factor(s) have been calculated),
it is necessary to recalculate the gain factor(s) in order to sub-
sequently obtain accurate impedance measurement results. The
gain factor(s) calculated in software are not programmed into the
AD5933 RAM and are only valid when the evaluation software
program is open and running. The gain factor(s) are not retained
in the evaluation software after the software program is closed.
To begin the sweep, click Start Sweep (see Arrow 4). Once the
evaluation software completes the sweep, it automatically returns
both a plot of impedance vs. frequency and a plot of phase vs.
frequency for the impedance being tested (see Figure 14). The
progress of the sweep is outlined with a progress bar, as shown
in Figure 16.
Figure 16. Sweep Progress Bar (Blue)
To take a reading from the on-board temperature sensor, click
Measure
in the Internal Temperature box of the main dialog box.
This returns the 13-bit temperature of the device. See the AD5933
data sheet for more information on the temperature sensor.
To download the frequency sweep data (that is, frequency,
impedance, phase, real, imaginary, and magnitude data) from
the DFT of the sweep, click Download Impedance Data. The
common dialog box shown in Figure 17 now appears. Choose a
file name in the directory of choice and click Save (see Figure 17).
Note that the default is to save the file in a .csv format.
1: CHOOSE DIRECTORY
2: CHOOSE FILE NAME
3: SAVE THE FILE
Figure 17. Saving the Sweep Data
This saves the sweep data as a comma separated variable file
(.csv) located in the directory of your choice.
You can access this file content by using Notepad or Excel to
plot the data. Each file contains a single column of data. The
format of the downloaded data is shown in Figure 18
Figure 18. Opening the Sweep Data in Excel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32