Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV601JS Datasheet(PDF) 35 Page - Analog Devices

No. de pieza ADV601JS
Descripción Electrónicos  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV601JS Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 31Page - Analog Devices ADV601JS Datasheet HTML 32Page - Analog Devices ADV601JS Datasheet HTML 33Page - Analog Devices ADV601JS Datasheet HTML 34Page - Analog Devices ADV601JS Datasheet HTML 35Page - Analog Devices ADV601JS Datasheet HTML 36Page - Analog Devices ADV601JS Datasheet HTML 37Page - Analog Devices ADV601JS Datasheet HTML 38Page - Analog Devices ADV601JS Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
–35–
REV. 0
ADV601
GETTING THE MOST OUT OF ADV601
The unique sub-band block structure of luminance and color
components in the ADV601 offers many unique application
benefits. Analog Devices will offer a Feature Software Library as
well as separate feature application documentation to help users
exploit these features. The following section provides an over-
view of only some of the features and how they are achieved with
the ADV601. Please refer to Figures 2 and 3 as necessary.
Higher Compression With Interfield Techniques
The ADV601 normally operates as a field-independent codec.
However, through use of the sub-bands it is possible to use the
ADV601 with interfield techniques to achieve even higher levels
of compression. In such applications, each field is not com-
pressed separately, thus accessing the compressed bit stream
can only be done at specific points in time. There are two gen-
eral ways this can be accomplished:
• Subsampling high frequency blocks
The human visual system is more sensitive to interframe
motion of low frequency block than to motion in high fre-
quency blocks. The host software driver of the ADV601
allows exploitation of this option to achieve higher com-
pression. Note that the compressed bit stream can only be
accessed at points where the high frequency blocks have just
been updated.
• Updating the image with motion detection
In applications where the video is likely to have no motion for
extended periods of time (video surveillance in a vacant build-
ing, for instance), it is only necessary to update the image
either periodically or when motion occurs. By using the wave-
let sub-bands to detect motion (see later in this section), it is
possible to achieve very high levels of compression when
motion is infrequent.
Scalable Compression Technology
The ADV601 offers many different options for scaling the im-
age, the compressed bit stream bandwidth and the processing
horsepower for encode or decode. Because the ADV601 em-
ploys decimators, interpolators and filters in the filter bank,
the scaling function creates much higher quality images than
achieved through pixel dropping. Mixing and matching the
many scaling options is useful in network applications where
transmission pipes may vary in available bit rate, and decode/
encode capabilities may be a mix of software and hardware.
These are the key options:
• Extract scaled images by factors of 2 from the compressed bit stream
This is useful in video editing applications where thumbnail
sketches of fields need to be displayed. In this case, editing
software can quickly extract and decode the desired image.
This technique eliminates the burden of decoding an entire
image and then scaling to the desired size.
• Use software to decode bit stream
Decoding an entire CCIR-601 resolution image in real time at
50/60 fields per second does require the ADV601 hardware.
Analog Devices provides a bit-exact ADV601 simulator that
can decode a scaled image in real time or a full-size image off-
line. Image size and frame rates depend on the performance
of the host processor.
• Scale bit stream
The compressed video bit stream was created with simple
parsing in mind. This type of parsing means that a lower
resolution/lower bandwidth bit stream can be extracted with
little computational burden. Generally, this effect is accom-
plished by selecting a subset of lower frequency blocks. This
technique is useful in applications where the same video
source material must be sent over a range of different commu-
nication pipes {i.e., ISDN p(128 Kbps), T1 (1.5 Mpbs) or
T3 (45 Mbps)}.
• Use software to encode
In this case, a host CPU could encode a smaller image size
and fill in high frequency blocks with zeros. Again, image
quality would depend on the performance of the host. The
Bin Width may be set to zero, zeroing out the data in any
particular Mallat block.
Parametric Image Filtering
The ADV601 offers a unique set of image filtering capabilities
not found in other compression technologies. The ADV601
quantizer is capable of attenuating any or all of the luminance or
chrominance blocks during encode or decode. Here are some of
the possible applications:
• Parametric softening of color saturation and contrast during encode
or decode
Trade off image softness for higher compression. Attenuation
of the higher frequency blocks during encode leads to softer
images, but it can lead to much higher compression perfor-
mance.
• Color saturation control
This effect is achieved by controlling gain of low pass chromi-
nance blocks during encode or decode.
• Contrast control
This effect is achieved by controlling the gain of the low fre-
quency luminance blocks during encode or decode.
• Fade to black
This effect achieved by attenuation of luminance blocks.
Mixing of Two or More Images
Blocks from different images can be mixed into the bit stream
and then sent to the ADV601 during decode. The result is high
quality mixing of different images. This also provides the capa-
bility to fade from one image to the next.
Edge or Motion Detection
In certain remote video surveillance and machine vision applica-
tions, it is desirable to detect edges or motion. Edges can be
quickly found through evaluation of the high frequency blocks.
Motion searches can be achieved in two ways:
• Evaluation of the smallest luminance block. Because the size
of the smallest block is from 20
× 15 pixels (for square pixel
NTSC) to 24
× 18 pixels (square pixel PAL), the computa-
tional burden is significantly less than doing an evaluation
over the entire image.
• Polling the Sum of Squares registers. Because large changes in
the video data create patterns, it is possible to detect motion
in the video by polling the Sum of Squares registers, looking
for patterns and changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com