| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADV601JS12 Datasheet(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV601JS12 Datasheet(HTML) 26 Page - Analog Devices |
|
26 / 52 page ![]() ADV601 –26– REV. 0 DRAM Manager The DRAM Manager provides a sorting and reordering func- tion on the sub-band coded data between the Wavelet Kernel and the Programmable Quantizer. The DRAM manager pro- vides a pipeline delay stage to the ADV601. This pipeline lets the ADV601 extract current field image statistics (min/max pixel values, sum of pixel values, and sum of squares) used in the calculation of Bin Widths and re-order wavelet transform data. The use of current field statistics in the Bin Width calcula- tion results in precise control over the compressed bit rate. The DRAM manager manages the entire operation and refresh of the DRAM. The interface between the ADV601 DRAM manager and DRAM is designed to be transparent to the user. The ADV601 DRAM pins should be connected to the DRAM as called out in the Pin Function Descriptions section. The ADV601 requires one 256K word by 16-bit, 60 ns DRAM. The following is a selected list of manufacturers and part numbers. All parts can be used with the ADV601 at all VCLK rates except where noted. Any DRAM used with the ADV601 must meet the mini- mum specifications outlined for the Hyper Mode DRAMs listed in Table XIII. For DRAM Interface pins descriptions, see the Pin Function Descriptions. Table XIII. ADV601 Compatible DRAMs Manufacturer Part Number Notes Toshiba TC514265DJ/DZ/DFT-60 None NEC µPD424210ALE-60 None NEC µPD42S4210ALE-60 CBR Self Refresh feature of this prod- uct is not needed by the ADV601. Hitachi HM514265CJ-60 None Compressed Data-Stream Definition Through its Host Interface the ADV601 outputs (during en- code) and receives (during decode) compressed digital video data. This stream of data passing between the ADV601 and the host is hierarchically structured and broken up into blocks of data as shown in Figure 12. Table IV shows pseudo code for a video data transfer that matches the transfer order shown in Figure 12 and uses the code names shown in Table XVI. The blocks of data listed in Figure 12 correspond to wavelet com- pressed sections of each field illustrated in Figure 13 as a modified Mallat diagram. (CONTINUOUS STREAM OF FRAMES) TIME FRAME (N) FRAME (N + 1) FRAME (N + 2) FRAME (N + M) FIELD 2 SEQUENCE FIELD 1 SEQUENCE FIELD SEQUENCE STRUCTURE FIRST BLOCK SEQUENCE COMPLETE BLOCK SEQUENCE VERTICAL INTERFACE TIME CODE START OF FIELD 1 OR 2 CODE FIRST BLOCK SEQUENCE STRUCTURE DATA FOR MALLAT BLOCK 6 BIN WIDTH QUANTIZER CODE SUB-BAND TYPE CODE COMPLETE BLOCK SEQUENCE ORDER (STREAM OF MALLAT BLOCK SEQUENCES) SEQUENCE FOR MALLAT BLOCK 3 SEQUENCE FOR MALLAT BLOCK 20 SEQUENCE FOR MALLAT BLOCK 9 COMPLETE BLOCK (INDIVIDUAL) SEQUENCE STRUCTURE DATA FOR MALLAT BLOCK BIN WIDTH QUANTIZER CODE START OF BLOCK CODE Figure 12. Hierarchical Structure of Wavelet Compressed Frame Data (Data Block Order) |