Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7948ARS-B Datasheet(PDF) 12 Page - Analog Devices

No. de pieza AD7948ARS-B
Descripción Electrónicos  3.3 V/5 V Multiplying 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7948ARS-B Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7948ARS-B Datasheet HTML 8Page - Analog Devices AD7948ARS-B Datasheet HTML 9Page - Analog Devices AD7948ARS-B Datasheet HTML 10Page - Analog Devices AD7948ARS-B Datasheet HTML 11Page - Analog Devices AD7948ARS-B Datasheet HTML 12Page - Analog Devices AD7948ARS-B Datasheet HTML 13Page - Analog Devices AD7948ARS-B Datasheet HTML 14Page - Analog Devices AD7948ARS-B Datasheet HTML 15Page - Analog Devices AD7948ARS-B Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–12–
INPUT CODE
1.00
0.50
–1.00
0
4095
1024
2048
3072
0.00
–0.50
VDD = +3.3V
VREF = 0V
VBIAS = 1.23V
OP AMP = AD820
TA = +25 C
Figure 9. All Codes Linearity in Biased Mode
(VDD = +3.3 V)
FREQUERCY – Hz
–50
–55
–100
100
100k
1k
10k
–80
–85
–90
–95
–70
–75
–60
–65
VDD = +5V
TA = +25 C
VIN = 6V rms
OP AMP = AD711
Figure 10. Total Harmonic Distortion vs. Frequency
10
0%
100
90
200ns
5V
200ns
50mV
VDD = +5V
TA = +25 C
VREF = 0V
OP AMP = AD711
AD711 OUTPUT
Figure 11. Digital-to-Analog Glitch Impulse
FREQUENCY – Hz
0
–10
–100
1k
10M
10k
100k
1M
–40
–70
–80
–90
–20
–30
–60
–50
VDD = +5V
TA = +25 C
VIN = 20V p-p
OP AMP = AD711
DAC LOADED WITH ALL 0S
DAC LOADED WITH ALL 1S
Figure 12. Multiplying Frequency Response vs.
Digital Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com