Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16F636EST Datasheet(PDF) 58 Page - Microchip Technology

No. de pieza PIC16F636EST
Descripción Electrónicos  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636EST Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC16F636EST Datasheet HTML 54Page - Microchip Technology PIC16F636EST Datasheet HTML 55Page - Microchip Technology PIC16F636EST Datasheet HTML 56Page - Microchip Technology PIC16F636EST Datasheet HTML 57Page - Microchip Technology PIC16F636EST Datasheet HTML 58Page - Microchip Technology PIC16F636EST Datasheet HTML 59Page - Microchip Technology PIC16F636EST Datasheet HTML 60Page - Microchip Technology PIC16F636EST Datasheet HTML 61Page - Microchip Technology PIC16F636EST Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 56
© 2007 Microchip Technology Inc.
TABLE 4-1:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR,
WUR
Value on all
other Resets
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xx00
--uu uu00
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 000x
0000 000x
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
uuuu uuuu
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
uuuu uuuu
T1CON
T1GINV
TMR1GE
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
uuuu uuuu
CMCON1
—
—
—
—
—
—T1GSS
CxSYNC
---- --10
---- --10
CMCON0
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
--11 1111
WPUDA
—
—
WPUDA5
WPUDA4
—
WPUDA2
WPUDA1
WPUDA0
--11 -111
--11 -111
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000
--00 0000
WDA
—
—
WDA5
WDA4
—
WDA2
WDA1
WDA0
--11 -111
--11 -111
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.