| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ECOS1HA182BA Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOS1HA182BA Datasheet(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 5 page ![]() TS-HA Standard Ratings (continued) Cap. Panasonic Cap. Panasonic (µF) 120Hz 10kHz~ 120Hz 20kHz Part Number (µF) 120Hz 10kHz~ 120Hz 20kHz Part Number 470 22 x 25 0.92 1.38 0.388 0.233 ECOS2AA471BA 560 22 x 45 1.50 2.10 0.296 0.133 ECOS2DA561BA 25 x 20 1.00 1.50 0.459 0.275 ECOS2AA471CL 25 x 35 1.50 2.10 0.296 0.133 ECOS2DA561CA 560 22 x 25 1.10 1.65 0.296 0.178 ECOS2AA561BA 30 x 30 1.50 2.10 0.296 0.133 ECOS2DA561DA 680 30 x 20 1.10 1.65 0.317 0.190 ECOS2AA681DL 680 25 x 40 1.70 2.38 0.244 0.110 ECOS2DA681CA 820 22 x 30 1.40 2.10 0.202 0.121 ECOS2AA821BA 30 x 30 1.70 2.38 0.244 0.110 ECOS2DA681DA 25 x 25 1.40 2.10 0.202 0.121 ECOS2AA821CA 820 25 x 50 2.00 2.80 0.222 0.111 ECOS2DA821CA 1000 22 x 35 1.70 2.55 0.182 0.109 ECOS2AA102BA 30 x 35 2.00 2.80 0.222 0.111 ECOS2DA821DA 25 x 30 1.70 2.55 0.182 0.109 ECOS2AA102CA 35 x 30 2.00 2.80 0.222 0.111 ECOS2DA821EA 35 x 20 1.20 1.80 0.216 0.129 ECOS2AA102EL 1000 30 x 45 2.20 3.08 0.199 0.099 ECOS2DA102DA 1200 22 x 40 1.80 2.70 0.152 0.091 ECOS2AA122BA 35 x 35 2.20 3.08 0.199 0.099 ECOS2DA102EA 25 x 35 1.80 2.70 0.152 0.091 ECOS2AA122CA 1200 30 x 50 2.30 3.22 0.166 0.083 ECOS2DA122DA 30 x 25 1.80 2.70 0.152 0.091 ECOS2AA122DA 35 x 40 2.30 3.22 0.166 0.083 ECOS2DA122EA 1500 22 x 45 2.10 3.15 0.122 0.073 ECOS2AA152BA 1500 35 x 50 2.50 3.50 0.144 0.072 ECOS2DA152EA 25 x 40 2.10 3.15 0.122 0.079 ECOS2AA152CA 30 x 30 2.10 3.15 0.122 0.079 ECOS2AA152DA 68 22 x 20 0.40 0.56 2.926 1.463 ECOS2EA680BL 35 x 25 2.10 3.15 0.122 0.079 ECOS2AA152EA 22 x 25 0.40 0.56 2.438 1.219 ECOS2EA680BA 1800 25 x 45 2.30 3.45 0.111 0.072 ECOS2AA182CA 100 22 x 25 0.55 0.77 1.658 0.829 ECOS2EA101BA 30 x 35 2.30 3.45 0.111 0.072 ECOS2AA182DA 25 x 20 0.50 0.70 1.989 0.995 ECOS2EA101CL 35 x 30 2.30 3.45 0.111 0.072 ECOS2AA182EA 150 22 x 25 0.75 1.05 1.105 0.553 ECOS2EA151BA 2200 25 x 50 2.60 3.90 0.090 0.059 ECOS2AA222CA 30 x 20 0.65 0.91 1.326 0.663 ECOS2EA151DL 30 x 40 2.60 3.90 0.090 0.059 ECOS2AA222DA 180 22 x 30 0.90 1.26 0.921 0.461 ECOS2EA181BA 35 x 30 2.60 3.90 0.090 0.059 ECOS2AA222EA 25 x 25 0.90 1.26 0.921 0.461 ECOS2EA181CA 2700 30 x 45 2.90 4.35 0.080 0.052 ECOS2AA272DA 220 22 x 30 1.00 1.40 0.754 0.377 ECOS2EA221BA 35 x 35 2.90 4.35 0.080 0.052 ECOS2AA272EA 25 x 25 1.00 1.40 0.754 0.377 ECOS2EA221CA 3300 30 x 50 3.20 4.80 0.075 0.053 ECOS2AA332DA 35 x 20 0.87 1.22 0.904 0.452 ECOS2EA221EL 35 x 40 3.20 4.80 0.075 0.053 ECOS2AA332EA 270 22 x 35 1.10 1.54 0.614 0.307 ECOS2EA271BA 3900 35 x 45 3.60 5.40 0.064 0.045 ECOS2AA392EA 25 x 30 1.10 1.54 0.614 0.307 ECOS2EA271CA 4700 35 x 50 3.80 5.70 0.053 0.040 ECOS2AA472EA 30 x 25 1.10 1.54 0.614 0.307 ECOS2EA271DA 330 22 x 40 1.20 1.68 0.502 0.251 ECOS2EA331BA 150 22 x 20 0.55 0.77 1.437 0.647 ECOS2CA151BL 25 x 35 1.20 1.68 0.502 0.251 ECOS2EA331CA 22 x 25 0.61 0.85 1.216 0.547 ECOS2CA151BA 30 x 25 1.20 1.68 0.502 0.251 ECOS2EA331DA 220 22 x 25 0.90 1.26 0.829 0.373 ECOS2CA221BA 390 22 x 45 1.30 1.82 0.425 0.213 ECOS2EA391BA 25 x 20 0.75 1.05 0.980 0.441 ECOS2CA221CL 25 x 35 1.30 1.82 0.425 0.213 ECOS2EA391CA 270 22 x 25 1.10 1.54 0.675 0.304 ECOS2CA271BA 30 x 30 1.30 1.82 0.425 0.213 ECOS2EA391DA 330 22 x 30 1.20 1.68 0.553 0.249 ECOS2CA331BA 470 25 x 45 1.40 1.96 0.353 0.176 ECOS2EA471CA 30 x 20 1.00 1.40 0.553 0.249 ECOS2CA331DL 30 x 35 1.40 1.96 0.353 0.176 ECOS2EA471DA 390 22 x 30 1.30 1.82 0.553 0.249 ECOS2CA391BA 35 x 30 1.40 1.96 0.353 0.176 ECOS2EA471EA 25 x 25 1.30 1.82 0.553 0.249 ECOS2CA391CA 560 25 x 50 1.50 2.10 0.296 0.148 ECOS2EA561CA 470 22 x 35 1.40 1.96 0.529 0.238 ECOS2CA471BA 30 x 35 1.50 2.10 0.296 0.148 ECOS2EA561DA 25 x 30 1.40 1.96 0.459 0.206 ECOS2CA471CA 35 x 30 1.50 2.10 0.296 0.148 ECOS2EA561EA 35 x 20 1.15 1.61 0.459 0.206 ECOS2CA471EL 680 30 x 45 1.70 2.38 0.244 0.122 ECOS2EA681DA 560 22 x 40 1.50 2.10 0.385 0.173 ECOS2CA561BA 35 x 35 1.70 2.38 0.244 0.122 ECOS2EA681EA 25 x 30 1.50 2.10 0.385 0.173 ECOS2CA561CA 820 30 x 50 2.00 2.80 0.202 0.101 ECOS2EA821DA 30 x 25 1.50 2.10 0.385 0.173 ECOS2CA561DA 35 x 40 2.00 2.80 0.202 0.101 ECOS2EA821EA 680 22 x 45 1.70 2.38 0.317 0.143 ECOS2CA681BA 1000 35 x 45 2.20 3.08 0.199 0.099 ECOS2EA102EA 25 x 35 1.70 2.38 0.317 0.143 ECOS2CA681CA 1200 35 x 50 2.30 3.22 0.166 0.083 ECOS2EA122EA 30 x 30 1.70 2.38 0.317 0.143 ECOS2CA681DA 820 25 x 40 2.00 2.80 0.263 0.118 ECOS2CA821CA 33 22 x 20 0.20 0.28 5.024 1.758 ECOS2TA330BL 30 x 30 2.00 2.80 0.263 0.118 ECOS2CA821DA 47 25 x 20 0.25 0.35 3.527 1.235 ECOS2TA470CL 1000 25 x 45 2.20 3.08 0.216 0.108 ECOS2CA102CA 56 22 x 25 0.51 0.71 2.368 0.829 ECOS2TA560BA 30 x 35 2.20 3.08 0.216 0.108 ECOS2CA102DA 68 22 x 30 0.56 0.78 1.950 0.683 ECOS2TA680BA 1200 25 x 50 2.30 3.22 0.180 0.090 ECOS2CA122CA 25 x 25 0.56 0.78 1.950 0.683 ECOS2TA680CA 30 x 40 2.30 3.22 0.180 0.090 ECOS2CA122DA 30 x 20 0.35 0.49 2.438 0.853 ECOS2TA680DL 1500 30 x 45 2.50 3.50 0.166 0.083 ECOS2CA152DA 82 22 x 35 0.64 0.90 1.617 0.566 ECOS2TA820BA 35 x 35 2.50 3.50 0.166 0.083 ECOS2CA152EA 25 x 25 0.64 0.90 1.617 0.566 ECOS2TA820CA 1800 30 x 50 2.70 3.78 0.138 0.083 ECOS2CA182DA 100 22 x 35 0.69 0.97 1.326 0.464 ECOS2TA101BA 35 x 40 2.70 3.78 0.138 0.069 ECOS2CA182EA 25 x 30 0.69 0.97 1.326 0.464 ECOS2TA101CA 2200 35 x 50 2.90 4.06 0.113 0.057 ECOS2CA222EA 35 x 20 0.47 0.66 1.658 0.580 ECOS2TA101EL 120 22 x 35 0.75 1.05 1.105 0.387 ECOS2TA121BA 100 22 x 20 0.50 0.70 1.989 0.895 ECOS2DA101BL 25 x 30 0.75 1.05 1.105 0.387 ECOS2TA121CA 22 x 25 0.50 0.70 1.658 0.746 ECOS2DA101BA 150 22 x 50 0.82 1.15 0.884 0.309 ECOS2TA151BA 150 22 x 25 0.68 0.95 1.105 0.497 ECOS2DA151BA 25 x 40 0.82 1.15 0.884 0.309 ECOS2TA151CA 25 x 20 0.65 0.91 1.326 0.597 ECOS2DA151CL 30 x 30 0.82 1.15 0.884 0.309 ECOS2TA151DA 220 22 x 25 1.00 1.40 0.754 0.339 ECOS2DA221BA 180 25 x 45 0.95 1.33 0.737 0.258 ECOS2TA181CA 30 x 20 0.87 1.22 0.904 0.407 ECOS2DA221DL 30 x 35 0.95 1.33 0.737 0.258 ECOS2TA181DA 270 22 x 30 1.10 1.54 0.614 0.276 ECOS2DA271BA 35 x 25 0.95 1.33 0.737 0.258 ECOS2TA181EA 25 x 25 1.10 1.54 0.614 0.276 ECOS2DA271CA 220 25 x 50 1.10 1.54 0.603 0.211 ECOS2TA221CA 330 22 x 30 1.20 1.68 0.502 0.226 ECOS2DA331BA 30 x 40 1.10 1.54 0.603 0.211 ECOS2TA221DA 25 x 25 1.20 1.68 0.502 0.226 ECOS2DA331CA 35 x 30 1.10 1.54 0.603 0.211 ECOS2TA221EA 35 x 20 1.10 1.54 0.603 0.271 ECOS2DA331EL 270 30 x 45 1.20 1.68 0.491 0.172 ECOS2TA271DA 390 22 x 35 1.30 1.82 0.425 0.191 ECOS2DA391BA 35 x 35 1.20 1.68 0.491 0.172 ECOS2TA271EA 25 x 30 1.30 1.82 0.425 0.191 ECOS2DA391CA 330 30 x 50 1.35 1.89 0.402 0.161 ECOS2TA331DA 30 x 25 1.30 1.82 0.425 0.191 ECOS2DA391DA 35 x 40 1.35 1.89 0.402 0.161 ECOS2TA331EA 470 22 x 40 1.40 1.96 0.353 0.159 ECOS2DA471BA 390 35 x 45 1.55 2.17 0.340 0.136 ECOS2TA391EA 25 x 35 1.40 1.96 0.353 0.159 ECOS2DA471CA 470 35 x 50 1.75 2.45 0.282 0.127 ECOS2TA471EA 30 x 25 1.40 1.96 0.353 0.159 ECOS2DA471DA 20°C ESR ( Ω Ω Ω Ω, max.) 200 VDC Working, 250 VDC Surge 250 VDC Working, 300 VDC Surge 385 VDC Working, 435 VDC Surge 160 VDC Working, 200 VDC Surge 100 VDC Working, 125 VDC Surge (continued) 200 VDC Working, 250 VDC Surge (continued) Size (mm) Max 105°C R.C. (Arms) 20°C ESR ( Ω Ω Ω Ω, max.) Size (mm) D x L D x L Max 105°C R.C. (Arms) Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation. Large Can Aluminum Electrolytic Capacitors |