Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33FJ64GP710A Datasheet(PDF) 9 Page - Microchip Technology

No. de pieza DSPIC33FJ64GP710A
Descripción Electrónicos  16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
PDF  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710A Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSPIC33FJ64GP710A Datasheet HTML 5Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 6Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 7Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 8Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 9Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 10Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 11Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 12Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 362 page
background image
 2009-2012 Microchip Technology Inc.
DS70593D-page 9
dsPIC33FJXXXGPX06A/X08A/X10A
Pin Diagrams (Continued)
64-Pin TQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
36
35
34
33
14
15
16
PGEC2/SOSCO/T1CK/CN0/RC14
PGED2/SOSCI/T4CK/CN1/RC13
OC1/RD0
IC4/INT4/RD11
IC2/U1CTS/INT2/RD9
IC1/INT1/RD8
VSS
OSC2/CLKO/RC15
OSC1/CLKIN/RC12
VDD
SCL1/RG2
U1RTS/SCK1/INT0/RF6
U1RX/SDI1/RF2
U1TX/SDO1/RF3
COFS/RG15
AN16/T2CK/T7CK/RC1
AN17/T3CK/T6CK/RC2
SCK2/CN8/RG6
SDI2/CN9/RG7
SDO2/CN10/RG8
MCLR
VSS
VDD
AN3/CN5/RB3
AN2/SS1/CN4/RB2
PGEC3/AN1/VREF-/CN3/RB1
PGED3/AN0/VREF+/CN2/RB0
SDA1/RG3
43
42
41
40
39
38
37
44
48
47
46
45
SS2/CN11/RG9
AN5/IC8/CN7/RB5
AN4/IC7/CN6/RB4
IC3/INT3/RD10
dsPIC33FJ256GP506A
= Pins are up to 5V tolerant