| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8145WYCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8145WYCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices |
|
6 / 24 page ![]() AD8145 Rev. A | Page 6 of 24 Parameter Conditions Min Typ Max Unit POWER SUPPLY Operating Range 4.5 11 V Quiescent Current, Positive Supply 40 47 mA AD8145W only, TMIN to TMAX 57 mA Disabled 13.5 16 mA AD8145W only, TMIN to TMAX 21 mA Quiescent Current, Negative Supply −43.5 −36 mA AD8145W only, TMIN to TMAX −54 mA Disabled −12.5 −10 mA AD8145W only, TMIN to TMAX −17 mA PSRR, Positive Supply DC −83 −73 dB AD8145W only, TMIN to TMAX −68 dB PSRR, Negative Supply DC −67 −62 dB AD8145W only, TMIN to TMAX −59 dB |