Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5245BRJZ10-R21 Datasheet(PDF) 18 Page - Analog Devices

No. de pieza AD5245BRJZ10-R21
Descripción Electrónicos  256-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5245BRJZ10-R21 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5245BRJZ10-R21 Datasheet HTML 12Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 13Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 14Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 15Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 16Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 17Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 18Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 19Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5245
Rev. B | Page 18 of 20
Multiple Devices on One Bus
Figure 47 shows two AD5245 devices on the same serial bus.
Each has a different slave address because the states of their
AD0 pins are different. This allows the RDAC within each
device to be written to or read from independently. The master
device’s output bus line drivers are open-drain pull-downs in a
fully I2C-compatible interface.
MASTER
AD5245
SDA SCL
RP
RP
+5V
+5V
SDA
SCL
SDA SCL
AD5245
AD0
AD0
Figure 47. Multiple AD5245 Devices on One I2C Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20