Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCS04020Z4641ZP5 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza MCS04020Z4641ZP5
Descripción Electrónicos  Professional Thin Film Chip Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS04020Z4641ZP5 Datasheet(HTML) 5 Page - Vishay Siliconix

  MCS04020Z4641ZP5 Datasheet HTML 1Page - Vishay Siliconix MCS04020Z4641ZP5 Datasheet HTML 2Page - Vishay Siliconix MCS04020Z4641ZP5 Datasheet HTML 3Page - Vishay Siliconix MCS04020Z4641ZP5 Datasheet HTML 4Page - Vishay Siliconix MCS04020Z4641ZP5 Datasheet HTML 5Page - Vishay Siliconix MCS04020Z4641ZP5 Datasheet HTML 6Page - Vishay Siliconix MCS04020Z4641ZP5 Datasheet HTML 7Page - Vishay Siliconix MCS04020Z4641ZP5 Datasheet HTML 8Page - Vishay Siliconix MCS04020Z4641ZP5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
5
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
MCS 0402
MCT 0603
MCU 0805
MCA 1206
0.1
0.2
W
°C
100
150
- 50
0
50
70
ϑ
Ambient Temperature
amb
0
Derating - Standard Operation
0.1
0.2
0.3
0.4
0.5
W
°C
100
150
- 50
0
50
70
ϑ
Ambient Temperature
amb
MCS 0402
MCT 0603
MCU 0805
MCA 1206
Derating - Power Operation
1
W
100
10
100 µs
1 ms
10 ms
1 s
10 s
10 µs
100 ms
Pulse Duration
i
0.1
MCS 0402
MCT 0603
MCU 0805
MCA 1206
t
Single Pulse
Maximum pulse load, single pulse; applicable if
 0 and n  1000 and Û  Û
max.;
for permissible resistance change equivalent to 8000 h operation in standard operation mode
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com