Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC8043FSZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza DAC8043FSZ
Descripción Electrónicos  12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

DAC8043FSZ Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC8043FSZ Datasheet HTML 5Page - Analog Devices DAC8043FSZ Datasheet HTML 6Page - Analog Devices DAC8043FSZ Datasheet HTML 7Page - Analog Devices DAC8043FSZ Datasheet HTML 8Page - Analog Devices DAC8043FSZ Datasheet HTML 9Page - Analog Devices DAC8043FSZ Datasheet HTML 10Page - Analog Devices DAC8043FSZ Datasheet HTML 11Page - Analog Devices DAC8043FSZ Datasheet HTML 12Page - Analog Devices DAC8043FSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DAC8043
Rev. E | Page 9 of 16
TERMINOLOGY
Integral Nonlinearity (INL)
This is the single most important DAC specification. Analog
Devices, Inc., measures INL as the maximum deviation of
the analog output (from the ideal) from a straight line drawn
between the end points. It is expressed as a percent of full-scale
range or in terms of LSBs.
Refer to the Analog Devices Glossary of EE Terms for
additional digital-to-analog converter definitions.
Interface Logic Information
The DAC8043 has been designed for ease of operation. The
timing diagram (see Figure 12) illustrates the input register
loading sequence. Note that the most significant bit (MSB)
is loaded first.
Once the input register is full, the data is transferred to the
DAC register by taking LD momentarily low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16