| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADP1712AUJZ-3.0-R71 Datasheet(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1712AUJZ-3.0-R71 Datasheet(HTML) 12 Page - Analog Devices |
|
12 / 16 page ![]() ADP1712/ADP1713/ADP1714 Rev. A | Page 12 of 16 APPLICATION INFORMATION CAPACITOR SELECTION Output Capacitor The ADP1712/ADP1713/ADP1714 are designed for operation with small, space-saving ceramic capacitors, but they function with most commonly used capacitors as long as care is taken about the effective series resistance (ESR) value. The ESR of the output capacitor affects stability of the LDO control loop. A minimum of 2.2 μF capacitance with an ESR of 500 mΩ or less is recommended to ensure stability of the ADP1712/ADP1713/ADP1714. Transient response to changes in load current is also affected by output capacitance. Using a larger value of output capacitance improves the transient response of the ADP1712/ADP1713/ADP1714 to large changes in load current. Figure 31 and Figure 32 show the transient responses for output capacitance values of 2.2 μF and 10 μF, respectively. TIME (20μs/DIV) VIN = 5V VOUT = 3.3V CIN = 2.2µF COUT = 2.2µF VOUT RESPONSE TO LOAD STEP FROM 10mA TO 300mA Figure 31. Output Transient Response, COUT = 2.2 μF TIME (20μs/DIV) VOUT RESPONSE TO LOAD STEP FROM 10mA TO 300mA VIN = 5V VOUT = 3.3V CIN = 10µF COUT = 10µF Figure 32. Output Transient Response, COUT = 10 μF Input Bypass Capacitor Connecting a 2.2 μF capacitor from the IN pin to GND reduces the circuit sensitivity to printed circuit board (PCB) layout, especially when long input traces or high source impedance are encountered. If greater than 2.2 μF of output capacitance is required, increasing the input capacitor to match is recommended. Input and Output Capacitor Properties Any good quality ceramic capacitors can be used with the ADP1712/ADP1713/ADP1714, as long as they meet the minimum capacitance and maximum ESR requirements. Ceramic capacitors are manufactured with a variety of dielectrics, each with different behavior over temperature and applied voltage. Capacitors must have a dielectric adequate to ensure the minimum capacitance over the necessary temper- ature range and dc bias conditions. X5R or X7R dielectrics with a voltage rating of 6.3 V or 10 V are recommended. Y5V and Z5U dielectrics are not recommended, due to their poor temperature and dc bias characteristics. CURRENT LIMIT AND THERMAL OVERLOAD PROTECTION The ADP1712/ADP1713/ADP1714 are protected against damage due to excessive power dissipation by current and thermal over- load protection circuits. The ADP1712/ADP1713/ADP1714 are designed to current limit when the output load reaches 500 mA (typical). When the output load exceeds 500 mA, the output voltage is reduced to maintain a constant current limit. Thermal overload protection is included, which limits the junction temperature to a maximum of 150°C (typical). Under extreme conditions (that is, high ambient temperature and power dissipation), when the junction temperature starts to rise above 150°C, the output is turned off, reducing the output current to zero. When the junction temperature drops below 135°C (typical), the output is turned on again and output current is restored to its nominal value. Consider the case where a hard short from OUT to ground occurs. At first the ADP1712/ADP1713/ADP1714 current limit, so that only 500 mA is conducted into the short. If self heating of the junction is great enough to cause its temperature to rise above 150°C, thermal shutdown activates, turning off the output and reducing the output current to zero. As the junction temper- ature cools and drops below 135°C, the output turns on and conducts 500 mA into the short, again causing the junction temperature to rise above 150°C. This thermal oscillation between 135°C and 150°C causes a current oscillation between 500 mA and 0 mA, which continues as long as the short remains at the output. Current and thermal limit protections are intended to protect the device against accidental overload conditions. For reliable operation, device power dissipation needs to be externally limited so junction temperatures do not exceed 125°C. |