| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC18F2525ISOQTP Datasheet(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2525ISOQTP Datasheet(HTML) 16 Page - Microchip Technology |
|
16 / 412 page ![]() PIC18F2525/2620/4525/4620 DS39626E-page 14 © 2008 Microchip Technology Inc. PORTB is a bidirectional I/O port. PORTB can be software programmed for internal weak pull-ups on all inputs. RB0/INT0/FLT0/AN12 RB0 INT0 FLT0 AN12 21 I/O I I I TTL ST ST Analog Digital I/O. External interrupt 0. PWM Fault input for CCP1. Analog input 12. RB1/INT1/AN10 RB1 INT1 AN10 22 I/O I I TTL ST Analog Digital I/O. External interrupt 1. Analog input 10. RB2/INT2/AN8 RB2 INT2 AN8 23 I/O I I TTL ST Analog Digital I/O. External interrupt 2. Analog input 8. RB3/AN9/CCP2 RB3 AN9 CCP2(1) 24 I/O I I/O TTL Analog ST Digital I/O. Analog input 9. Capture 2 input/Compare 2 output/PWM2 output. RB4/KBI0/AN11 RB4 KBI0 AN11 25 I/O I I TTL TTL Analog Digital I/O. Interrupt-on-change pin. Analog input 11. RB5/KBI1/PGM RB5 KBI1 PGM 26 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. Low-Voltage ICSP™ Programming enable pin. RB6/KBI2/PGC RB6 KBI2 PGC 27 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. In-Circuit Debugger and ICSP programming clock pin. RB7/KBI3/PGD RB7 KBI3 PGD 28 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. In-Circuit Debugger and ICSP programming data pin. TABLE 1-2: PIC18F2525/2620 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description SPDIP, SOIC Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: Default assignment for CCP2 when the CCP2MX Configuration bit is set. 2: Alternate assignment for CCP2 when the CCP2MX Configuration bit is cleared. |