| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SFPC-SL Datasheet(PDF) 1 Page - Samtec, Inc |
|
|
|||||||||||||||||||||||||||||
SFPC-SL Datasheet(HTML) 1 Page - Samtec, Inc |
|
|
1 / 1 page ![]() SFPC, SFPK SERIES SFPC–4PF–01–S SFPC–PF WWW.SAMTEC.COM F-213 Note: Some sizes, styles and options are non-standard, non-returnable. For complete specifications see www.samtec.com?SFPC or www.samtec.com?SFPK SPECIFICATIONS Use with: MECT TYPE TERMINATION CONNECTOR PACKAGE SFPC = Cage SFPK = Cage and Connector Kit (SFPC & MECT–110–01–M–D–RA1) SFPK only –TR = Tape & Reel (Leave blank for tube packaging) –PF = Press Fit –SL = Solder Lead –PC = PCI Press Fit (1° slope for PCI specifications) SFP CAGES & CAGE/CONNECTOR KITS (8,95) .352 (48,73) 1.919 (14,0) .551 TYPE TERMINATION S NO. OF PORTS PANEL MOUNT OPTION PF = Press Fit SL = Solder Lead PC = PCI Press Fit (1° slope for PCI specifications) –01 = Solid Gasket –02 = Hollow Gasket –S = Single Row –2 = 1x2 –4 = 1x4 NO. OF PORTS AB –2 (33,70) 1.33 (28,25) 1.11 –4 (62,20) 2.45 (56,50) 2.22 A B (13,30) .524 (47,73) 1.879 SFPC = Cage SFPK = Cage and Connector Kit (SFPC & MECT–110–01–M–D–RA1) –2PF SHOWN |
Número de pieza similar - SFPC-SL |
|
Descripción similar - SFPC-SL |