Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EZLINX-IIIDE-EBZ Datasheet(PDF) 7 Page - Analog Devices

No. de pieza EZLINX-IIIDE-EBZ
Descripción Electrónicos  ezLINX?줙ardware User Guide
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

EZLINX-IIIDE-EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EZLINX-IIIDE-EBZ Datasheet HTML 3Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 4Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 5Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 6Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 7Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 8Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 9Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 10Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ezLINX™
Hardware User
Guide
i
Coupler® Isolated Interface Development
Environment
Rev. PrA | Page 7 of 15
Figure 7. ADuM1250 and ADuM5000 Isolated I2C Implementation
ISOLATED SPI
Two Isolated SPI ports are implemented using the ADuM3401,
ADuM3402 iCoupler signal isolators and the ADuM5000
iso
Power Isolated DC to DC converter. The ADuM3401 of the
isolate d SPI1 is connected to SPI0 of the ADSP-BF548. The
ADuM3402 is used for isolating the SPI slave select lines. Figure
8 shows a circuit diagram of the implementation of Isolated
SPI1 using the ADuM3401, ADuM3402 and ADuM5000 on the
ez
LINX hardware.
The ADuM3401 of the isolate d SPI2 is connected to SPI2 of the
ADSP-BF548. The ADuM3402 is used for isolating the SPI slave
select lines. Figure 9 shows a circuit diagram of the
implementation of Isolated SPI2 using the ADuM3401,
ADuM3402 and ADuM5000 on the ezLINX hardware.
VDD1 of the ADuM3401, ADuM3402 and VDD1 of the
ADuM5000 are powered by 3.3V. The ADuM5000 will generate
an isolated 3.3V and is used to supply power to VDD2 of the
ADuM3401 and ADuM3402.
Two seven pin screw terminal connectors, J10 and J25 are used
for easy access to the SPISCK(Pin 1), SPIMOSI(Pin 2),
SPISEL1/SPISS(Pin 3), SPIMISO(Pin 4). SPISEL2(Pin 5),
SPISEL3(Pin 6) and SPI_ISO_GND(Pin 7).
To connect Isolated SPI1 as a master, connect jumpers JP5, JP7,
JP9, JP11, JP13 and JP15 while leaving jumpers JP6, JP8, JP10,
JP12, JP14 and JP16 open. To connect Isolated SPI1 as a slave,
connect jumpers JP6, JP8, JP10, JP12, JP14 and JP16 while
leaving jumpers JP5, JP11, JP13 and JP15 open.
To connect Isolated SPI2 as a master, connect jumpers JP22,
JP24, JP26, JP28, JP30 and JP32 while leaving jumpers JP23,
JP25, JP27, JP29, JP31 and JP33 open. To connect Isolated SPI1
as a slave, connect jumpers JP23, JP25, JP27, JP29, JP31 and
JP33 while leaving jumpers JP22, JP24, JP26, JP28, JP30 and
JP32 open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15