Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCS362-I/ST Datasheet(PDF) 8 Page - Microchip Technology

No. de pieza HCS362-I/ST
Descripción Electrónicos  KEELOQ Code Hopping Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362-I/ST Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS362-I/ST Datasheet HTML 4Page - Microchip Technology HCS362-I/ST Datasheet HTML 5Page - Microchip Technology HCS362-I/ST Datasheet HTML 6Page - Microchip Technology HCS362-I/ST Datasheet HTML 7Page - Microchip Technology HCS362-I/ST Datasheet HTML 8Page - Microchip Technology HCS362-I/ST Datasheet HTML 9Page - Microchip Technology HCS362-I/ST Datasheet HTML 10Page - Microchip Technology HCS362-I/ST Datasheet HTML 11Page - Microchip Technology HCS362-I/ST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
HCS362
DS40189D-page 8
Preliminary
© 2002 Microchip Technology Inc.
3.0
DEVICE OPERATION
The HCS362 will wake-up upon detecting a switch clo-
sure and then delay for switch debounce (Figure 3-1).
The synchronization information, fixed information and
switch information will be encrypted to form the hop-
ping code. The encrypted or hopping code portion of
the transmission will change every time a button is
pressed, even if the same button is pushed again.
Keeping a button pressed for a long time will result in
the same code word being transmitted until the button
is released or time-out occurs.
The time-out time can be selected with the Time-out
(TIMOUT[0..1]) configuration option. This option
allows the time-out to be disabled or set to 0.8 s, 3.2 s
or 25.6 s. When a time-out occurs, the device will go
into SLEEP mode to protect the battery from draining
when a button gets stuck.
If in the transmit process, it is detected that a new but-
ton is pressed, the current code word will be aborted. A
new code word will be transmitted and the time-out
counter will RESET. If all the buttons are released, the
minimum code words will be completed. The minimum
code words can be set to 1,2,4 or 8 using the Minimum
Code Words (MTX[0..1]) configuration option. If the
time for transmitting the minimum code words is longer
than the time-out time, the device will not complete the
minimum code words.
A code that has been transmitted will not occur again
for more than 64K transmissions. This will provide
more than 18 years of typical use before a code is
repeated based on 10 operations per day. Overflow
information programmed into the encoder can be used
by the decoder to extend the number of unique trans-
missions to more than 192K.
FIGURE 3-1:
BASIC FLOW DIAGRAM OF
THE DEVICE OPERATION
Note:
Buttons removed will not have any
effect on the code word unless no but-
tons remain pressed in which case the
current code word will be completed
and the power-down will occur.
START
Sample Buttons
Increment
Seed
Time-out
Encrypt
No
No
Yes
Get Config.
TX?
Counter
Transmit
MTX
No
Buttons
Seed
Time
Read
Seed
STOP
Yes
Yes
No
Yes
No
No
Yes
Yes
Yes
Seed
Button
No
New
Buttons
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38