Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IS31LT3932 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

No. de pieza IS31LT3932
Descripción Electrónicos  High PF universal LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISSI [Integrated Silicon Solution, Inc]
Página de inicio  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3932 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS31LT3932 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3932 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3932 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3932 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3932 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3932 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31LT3932 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31LT3932 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31LT3932 Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IS31LT3932
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 8/14/2013
10
Classification Reflow Profiles
Profile Feature
Pb-Free Assembly
Preheat & Soak
Temperature min (Tsmin)
Temperature max (Tsmax)
Time (Tsmin to Tsmax) (ts)
150°C
200°C
60-120 seconds
Average ramp-up rate (Tsmax to Tp)
3°C/second max.
Liquidous temperature (TL)
Time at liquidous (tL)
217°C
60-150 seconds
Peak package body temperature (Tp)*
Max 260°C
Time (tp)** within 5°C of the specified
classification temperature (Tc)
Max 30 seconds
Average ramp-down rate (Tp to Tsmax)
6°C/second max.
Time 25°C to peak temperature
8 minutes max.
Classification Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com