| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OP27GSZ1 Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP27GSZ1 Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 20 page ![]() OP27 Rev. F | Page 17 of 20 CA RA R1 33kΩ R2 5kΩ TAPE HEAD 0.47µF 0.01µF 10Ω 15kΩ T1 = 3180µs T2 = 50µs OP27 + – Figure 42. Tape Head Preamplifier While the tape equalization requirement has a flat high frequency gain above 3 kHz (T2 = 50 μs), the amplifier need not be stabilized for unity gain. The decompensated OP37 provides a greater bandwidth and slew rate. For many applica- tions, the idealized time constants shown can require trimming of R1 and R2 to optimize frequency response for nonideal tape head performance and other factors (see the References section). The network values of the configuration yield a 50 dB gain at 1 kHz, and the dc gain is greater than 70 dB. Thus, the worst- case output offset is just over 500 mV. A single 0.47 μF output capacitor can block this level without affecting the dynamic range. The tape head can be coupled directly to the amplifier input, because the worst-case bias current of 80 nA with a 400 mH, 100 μ inch head (such as the PRB2H7K) is not troublesome. Amplifier bias-current transients that can magnetize a head present one potential tape head problem. The OP27 and OP37 are free of bias current transients upon power-up or power- down. It is always advantageous to control the speed of power supply rise and fall to eliminate transients. In addition, the dc resistance of the head should be carefully controlled and preferably below 1 kΩ. For this configuration, the bias current induced offset voltage can be greater than the 100 pV maximum offset if the head resistance is not sufficiently controlled. A simple, but effective, fixed gain transformerless microphone preamp (Figure 43) amplifies differential signals from low impedance microphones by 50 dB and has an input impedance of 2 kΩ. Because of the high working gain of the circuit, an OP37 helps to preserve bandwidth, which is 110 kHz. As the OP37 is a decompensated device (minimum stable gain of 5), a dummy resistor, Rp, may be necessary if the microphone is to be unplugged. Otherwise, the 100% feedback from the open input can cause the amplifier to oscillate. Common-mode input noise rejection will depend upon the match of the bridge-resistor ratios. Either close tolerance (0.1%) types should be used, or R4 should be trimmed for best CMRR. All resistors should be metal film types for best stability and low noise. Noise performance of this circuit is limited more by the Input Resistors R1 and R2 than by the op amp, as R1 and R2 each generate a 4 nV/√Hz noise, while the op amp generates a 3.2 nV/√Hz noise. The rms sum of these predominant noise sources is about 6 nV/√Hz, equivalent to 0.9 μV in a 20 kHz noise bandwidth, or nearly 61 dB below a 1 mV input signal. Measurements confirm this predicted performance. LOW IMPEDANCE MICROPHONE INPUT (Z = 50Ω TO 200Ω) C1 5mF R1 1kΩ R3 316kΩ R6 100Ω R4 316kΩ R2 1kΩ RP 30kΩ OUTPUT R3 R1 R4 R2 = OP27/ OP37 + – R7 10kΩ Figure 43. Fixed Gain Transformerless Microphone Preamplifier For applications demanding appreciably lower noise, a high quality microphone transformer coupled preamplifier (Figure 44) incorporates the internally compensated OP27. T1 is a JE- 115K-E 150 Ω/15 kΩ transformer that provides an optimum source resistance for the OP27 device. The circuit has an overall gain of 40 dB, the product of the transformer’s voltage setup and the op amp’s voltage gain. JENSEN TRANSFORMERS A1 OP27 R3 100Ω R1 121Ω R2 1100Ω C2 1800pF OUTPUT 150Ω SOURCE T11 T1 – JENSEN JE – 115K – E 1 3 6 2 Figure 44. High Quality Microphone Transformer Coupled Preamplifier Gain can be trimmed to other levels, if desired, by adjusting R2 or R1. Because of the low offset voltage of the OP27, the output offset of this circuit is very low, 1.7 mV or less, for a 40 dB gain. The typical output blocking capacitor can be eliminated in such cases, but it is desirable for higher gains to eliminate switching transients. OP27 –18V +18V 8 7 6 4 3 2 Figure 45. Burn-In Circuit |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |