| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADP5585ACBZ-04-R7 Datasheet(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5585ACBZ-04-R7 Datasheet(HTML) 27 Page - Analog Devices |
|
27 / 40 page ![]() Data Sheet ADP5585 Rev. C | Page 27 of 40 GPI_EVENT_INTERRUPT_EN_A Register 0x1F Table 39. GPI_INTERRUPT_EN_A Bit Descriptions Bit(s) Bit Name Access Description 7 to 6 N/A Reserved. 5 GPI_6_INT_EN Read/write (Reserved except for ADP5585AC_Z-01-R7 options) 0 = GPI_6_INT is disabled. 1 = GPI_6_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_6_INT is set and the GPI 6 interrupt condition is met. 4 GPI_5_INT_EN Read/write 0 = GPI_5_INT is disabled. 1 = GPI_5_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_5_INT is set and the GPI 5 interrupt condition is met. 3 GPI_4_INT_EN Read/write 0 = GPI_4_INT is disabled. 1 = GPI_4_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_4_INT is set and the GPI 4 interrupt condition is met. 2 GPI_3_INT_EN Read/write 0 = GPI_3_INT is disabled. 1 = GPI_3_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_3_INT is set and the GPI 3 interrupt condition is met. 1 GPI_2_INT_EN Read/write 0 = GPI_2_INT is disabled. 1 = GPI_2_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_2_INT is set and the GPI 2 interrupt condition is met. 0 GPI_1_INT_EN Read/write 0 = GPI_1_INT is disabled. 1 = GPI_1_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_1_INT is set and the GPI 1 interrupt condition is met. GPI_EVENT_INTERRUPT_EN_B Register 0x20 Table 40. GPI_INTERRUPT_EN_B Bit Descriptions Bit(s) Bit Name Access Description 7 to 5 N/A Reserved. 4 GPI_11_INT_EN Read/write 0 = GPI_11_INT is disabled. 1 = GPI_11_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_11_INT is set and the GPI 11 interrupt condition is met. 3 GPI_10_INT_EN Read/write 0 = GPI_10_INT is disabled. 1 = GPI_10_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_10_INT is set and the GPI 10 interrupt condition is met. 2 GPI_9_INT_EN Read/write 0 = GPI_9_INT is disabled. 1 = GPI_9_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_9_INT is set and the GPI 9 interrupt condition is met. 1 GPI_8_INT_EN Read/write 0 = GPI_8_INT is disabled. 1 = GPI_8_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_8_INT is set and the GPI 8 interrupt condition is met. 0 GPI_7_INT_EN Read/write 0 = GPI_7_INT is disabled. 1 = GPI_7_INT enabled. Asserts the GPI_INT bit (Register 0x01, Bit 1) if GPI_7_INT is set and the GPI 7 interrupt condition is met. |