| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP2998MAE Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2998MAE Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 26 page ![]() VTT LP2998 PVIN VDDQ VREF AVIN VREF = 1.25V VSENSE GND + + + VDDQ = 2.5V AVIN = 3.3V or 5V VTT = 1.25V SD SD PVIN = 3.3V CIN COUT CREF VTT LP2998 PVIN VDDQ VREF AVIN VREF = 1.25V VSENSE GND + + + VDDQ = 2.5V AVIN = 2.2V to 5.5V VTT = 1.25V SD SD PVIN = 1.8V CIN COUT CREF VTT LP2998 PVIN VDDQ VREF AVIN VREF = 1.25V VSENSE GND + + + VDDQ = 2.5V VDD = 2.5V VTT = 1.25V SD SD CIN COUT CREF LP2998 www.ti.com SNVS521I – DECEMBER 2007 – REVISED APRIL 2013 Figure 19. Recommended SSTL-2 Implementation If power dissipation or efficiency is a major concern then the LP2998 has the ability to operate on split power rails (see Figure 20). The output stage (PVIN) can be operated on a lower rail such as 1.8V and the analog circuitry (AVIN) can be connected to a higher rail such as 2.5V, 3.3V or 5V. This allows the internal power dissipation to be lowered when sourcing current from VTT. The disadvantage of this circuit is that the maximum continuous current is reduced because of the lower rail voltage, although it is adequate for all motherboard SSTL-2 applications. Increasing the output capacitance can also help if periods of large load transients will be encountered. Figure 20. Lower Power Dissipation SSTL-2 Implementation The third option for SSTL-2 applications in the situation that a 1.8V rail is not available and it is not desirable to use 2.5V, is to connect the LP2998 power rail to 3.3V (see Figure 21). In this situation AVIN will be limited to operation on the 3.3V or 5V rail as PVIN can never exceed AVIN. This configuration has the ability to provide the maximum continuous output current at the downside of higher thermal dissipation. Care should be taken to prevent the LP2998 from experiencing large current levels which cause the device to exceed the maximum operating junction temperature. Because of this risk it is not recommended to supply the output stage with a voltage higher than a nominal 3.3V rail. Figure 21. SSTL-2 Implementation With Higher Voltage Rails Copyright © 2007–2013, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: LP2998 |