| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMC7812SPAP Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AMC7812SPAP Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 92 page ![]() AMC7812 SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013 www.ti.com ADC Data Format For a single ended input, the conversion result is stored in straight binary format. For a differential input, the results are stored in twos complement format. SCLK Clock Noise Reduction To avoid noise caused by the bus clock, it is recommended that no bus clock activity occurs for at least the conversion process time immediately after the ADC conversion starts. Programmable Conversion Rate The maximum conversion rate is 500kSPS for a single channel in auto mode, as shown in Table 1. The conversion rate is programmable through the CONV-RATE-[1:0] bits of AMC Configuration Register 1. When more than one channel is selected, the conversion rate is divided by the number of channels selected in ADC Channel Register 0 and ADC Channel Register 1. In auto mode, the CONV-RATE-[1:0] bits determine the actual conversion rate. In direct mode, the CONV-RATE-[1:0] bits limit the maximum possible conversion rate. The actual conversion rate in direct mode is determined by the rate of the conversion trigger. Note that when a trigger is issued, there may be a delay of up to 4µs to internally synchronize and initiate the start of the sequential channel conversion process. In both direct and auto modes, when the CONV-RATE-[1:0] bits are set to a value other than the maximum rate ('00'), nap mode is activated between conversions. By activating nap mode, the AIDD supply current is reduced; see Figure 67. Table 1. ADC Conversion Rate tACQ tCONV NAP THROUGHPUT CONV-RATE-1 CONV-RATE-0 (µs) (µs) ENABLED (Single-Channel Auto Mode) 0 0 0.375 1.625 No 500kSPS (default) 0 1 2.375 1.625 Yes 250kSPS 1 0 6.375 1.625 Yes 125kSPS 1 1 14.375 1.625 Yes 62.5kSPS 32 Submit Documentation Feedback Copyright © 2011–2013, Texas Instruments Incorporated Product Folder Links: AMC7812 |