| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DBCRJS4422 Datasheet(PDF) 1 Page - Dubilier |
|
|
|||||||||||||||||||||||||||||
DBCRJS4422 Datasheet(HTML) 1 Page - Dubilier |
|
|
1 / 1 page ![]() 358 NETWORKING SOCKETS LED LIGHT JACKS ORDERING INFORMATION LEDs within socket Shielded and Unshielded RJ45 available Bi Colours available Wide range of colours SPECIFICATION OUTLINE DRAWING Current Rating 3A Contact Resistance 30mΩ max at DC 100mA Dielectric withstanding Voltage AC 500V for 1 minute Insulation Resistance 1000mΩ min at DC 500V Plating Gold plating over Nickel Tin plate over nickel in solder area Housing Thermoplastic (UL94V-0) Contact 0.35mm Phosphor Bronze Operating Temperature -55˚C to +105˚C DBC RJ S 2 Dubilier Connectors Series Contact Type S = Socket LED Colour See table above 4 Contact Plating 1 = 6µ" 2 = 50µ" 1 Shielding 1 = Unshielded 2 = Shielded 2 No. of Ports 1 =1 port 2 = 2 ports 4 = 4 ports 8 = 8 ports A±0.25 LED1 LED2 B C±0.15 0.51 2.29 5.46 D 12 11 10 9 LED SCHEMATIC 12 11 TYPICAL FOR SINGLE COLOR LED (RED, GREEN, YELLOW) TYPICAL FOR BI-COLOUR LED 48-Ø0.89 4-Ø1.57 3-Ø3.25 2.78 1.02 2.04 1.78 15.75 B C E 1 1 1 1 9 10 13.72 2.29 0.51 8 8 8 8 CODE LED2 (Left) LED1 (Right) 0 NO LED NO LED 1 YELLOW GREEN 2 NO LED GREEN 3 GREEN YELLOW 4 GREEN GREEN 5 YELLOW YELLOW 6 YELLOW/GREEN YELLOW/GREEN 7 GREEN/RED GREEN/RED 8 YELLOW/GREEN YELLOW No of Positions Dimensions A B C D 1 15.91 12.70 2.25 2 31.66 15.75 28.45 2.37 4 63.16 47.25 59.94 2.37 6 94.66 78.75 91.45 2.37 8 126.16 110.25 122.94 2.37 www.dubilier.co.uk |
Número de pieza similar - DBCRJS4422 |
|
Descripción similar - DBCRJS4422 |