Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC1864ACMS8 Datasheet(PDF) 4 Page - Linear Technology

No. de pieza LTC1864ACMS8
Descripción Electrónicos  Power, 16-Bit, 250ksps 1- and 2-Channel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1864ACMS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1864ACMS8 Datasheet HTML 1Page - Linear Technology LTC1864ACMS8 Datasheet HTML 2Page - Linear Technology LTC1864ACMS8 Datasheet HTML 3Page - Linear Technology LTC1864ACMS8 Datasheet HTML 4Page - Linear Technology LTC1864ACMS8 Datasheet HTML 5Page - Linear Technology LTC1864ACMS8 Datasheet HTML 6Page - Linear Technology LTC1864ACMS8 Datasheet HTML 7Page - Linear Technology LTC1864ACMS8 Datasheet HTML 8Page - Linear Technology LTC1864ACMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC1864/LTC1865
4
18645fb
CONVERTER AND MULTIPILEXER CHARACTERISTICS
LTC1864/LTC1865
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
87
dB
S/(N + D)
Signal-to-Noise Plus Distortion Ratio
10kHz Input Signal
100kHz Input Signal
83
76
dB
dB
THD
Total Harmonic Distortion Up to 5th Harmonic
10kHz Input Signal
100kHz Input Signal
88
77
dB
dB
Full Power Bandwidth
20
MHz
Full Linear Bandwidth
S/(N+D) ≥ 75dB
125
kHz
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
PARAMETER
CONDITIONS
LTC1864/LTC1865
LTC1864A/LTC1865A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
l
16
16
Bits
No Missing Codes Resolution
l
14
15
Bits
INL
(Note 3)
H-Grade (Note 3)
l
l
±8
±8.5
±6
±6.5
LSB
LSB
Transition Noise
1.1
1.1
LSBRMS
Gain Error
l
±20
±20
mV
Offset Error
LTC1864 SO-8 and MSOP, LTC1865 MSOP
LTC1865 SO-8
l
l
±2
±3
±5
±7
±2
±3
±5
±7
mV
mV
Input Differential Voltage Range VIN = IN+ – IN
l
0VREF
0VREF
V
Absolute Input Range
IN+ Input
INInput
–0.05
–0.05
VCC + 0.05
VCC/2
–0.05
–0.05
VCC + 0.05
VCC/2
V
V
VREF Input Range
LTC1864 SO-8 and MSOP,
LTC1865 MSOP
1VCC
1VCC
V
Analog Input Leakage Current
(Note 4)
l
±1
±1
μA
CIN Input Capacitance
In Sample Mode
During Conversion
12
5
12
5
pF
pF
DYNAMIC ACCURACY
TA = 25°C. VCC = 5V, VREF = 5V, fSAMPLE = 250kHz, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com