Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC1865LACMS Datasheet(PDF) 7 Page - Linear Technology

No. de pieza LTC1865LACMS
Descripción Electrónicos  Power, 16-Bit, 250ksps 1- and 2-Channel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1865LACMS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1865LACMS Datasheet HTML 3Page - Linear Technology LTC1865LACMS Datasheet HTML 4Page - Linear Technology LTC1865LACMS Datasheet HTML 5Page - Linear Technology LTC1865LACMS Datasheet HTML 6Page - Linear Technology LTC1865LACMS Datasheet HTML 7Page - Linear Technology LTC1865LACMS Datasheet HTML 8Page - Linear Technology LTC1865LACMS Datasheet HTML 9Page - Linear Technology LTC1865LACMS Datasheet HTML 10Page - Linear Technology LTC1865LACMS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC1864/LTC1865
7
18645fb
TIMING CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are TA = 25°C. VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating Conditions,
unless otherwise noted.
LTC1864/LTC1865
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV
Conversion Time (See Figure 1)
H-Grade
2.75
2.75
3.2
3.3
μs
μs
fSMPL(MAX)
Maximum Sampling Frequency
H-Grade
250
234
kHz
kHz
tdDO
Delay Time, SCK↓ to SDO Data Valid
CLOAD = 20pF
CLOAD = 20pF
CLOAD = 20pF, H-Grade
15
20
25
30
ns
ns
ns
tdis
Delay Time, CONV↑ to SDO Hi-Z
H-Grade
30
30
60
65
ns
ns
ten
Delay Time, CONV↓ to SDO Enabled
CLOAD = 20pF
CLOAD = 20pF, H-Grade
30
30
60
65
ns
ns
thDO
Time Output Data Remains Valid After SCK↓ CLOAD = 20pF
510
ns
tr
SDO Rise Time
CLOAD = 20pF
8
ns
tf
SDO Fall Time
CLOAD = 20pF
4
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: Integral nonlinearity is defined as deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 4: Channel leakage current is measured while the part is in sample
mode.
Note 5: Guaranteed by design, not subject to test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com