Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP5589ACPZ-02-R7 Datasheet(PDF) 38 Page - Analog Devices

No. de pieza ADP5589ACPZ-02-R7
Descripción Electrónicos  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACPZ-02-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP5589ACPZ-02-R7 Datasheet HTML 34Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 35Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 36Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 37Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 38Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 39Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 40Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 41Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 38 of 52
GPO_OUT_MODE_C Register 0x2F
Table 55. GPO_OUT_MODE_C Bit Descriptions
Bits
Name
R/W
Description
[7: 3]
Reserved.
2
GPO_19_DIR
R/W
0 = push/pull.
1 = open drain.
1
GPO_18_DIR
R/W
0 = push/pull.
1 = open drain.
0
GPO_17_DIR
R/W
0 = push/pull.
1 = open drain.
GPIO_DIRECTION_A Register 0x30
Table 56. GPIO_DIRECTION_A Bit Descriptions
Bits
Name
R/W
Description
7
GPIO_8_DIR
R/W
0 = GPIO 8 is an input.
1 = GPIO 8 is an output.
6
GPIO_7_DIR
R/W
0 = GPIO 7 is an input.
1 = GPIO 7 is an output.
5
GPIO_6_DIR
R/W
0 = GPIO 6 is an input.
1 = GPIO 6 is an output.
4
GPIO_5_DIR
R/W
0 = GPIO 5 is an input.
1 = GPIO 5 is an output.
3
GPIO_4_DIR
R/W
0 = GPIO 4 is an input.
1 = GPIO 4 is an output.
2
GPIO_3_DIR
R/W
0 = GPIO 3 is an input.
1 = GPIO 3 is an output.
1
GPIO_2_DIR
R/W
0 = GPIO 2 is an input.
1 = GPIO 2 is an output.
0
GPIO_1_DIR
R/W
0 = GPIO 1 is an input.
1 = GPIO 1 is an output.
GPIO_DIRECTION_B Register 0x31
Table 57. GPIO_DIRECTION_B Bit Descriptions
Bits
Name
R/W
Description
7
GPIO_16_DIR
R/W
0 = GPIO 16 is an input.
1 = GPIO 16 is an output.
6
GPIO_15_DIR
R/W
0 = GPIO 15 is an input.
1 = GPIO 15 is an output.
5
GPIO_14_DIR
R/W
0 = GPIO 14 is an input.
1 = GPIO 14 is an output.
4
GPIO_13_DIR
R/W
0 = GPIO 13 is an input.
1 = GPIO 13 is an output.
3
GPIO_12_DIR
R/W
0 = GPIO 12 is an input.
1 = GPIO 12 is an output.
2
GPIO_11_DIR
R/W
0 = GPIO 11 is an input.
1 = GPIO 11 is an output.
1
GPIO_10_DIR
R/W
0 = GPIO 10 is an input.
1 = GPIO 10 is an output.
0
GPIO_9_DIR
R/W
0 = GPIO 9 is an input.
1 = GPIO 9 is an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com