Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5560JSVUZ Datasheet(PDF) 63 Page - Analog Devices

No. de pieza AD5560JSVUZ
Descripción Electrónicos  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5560JSVUZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD5560JSVUZ Datasheet HTML 59Page - Analog Devices AD5560JSVUZ Datasheet HTML 60Page - Analog Devices AD5560JSVUZ Datasheet HTML 61Page - Analog Devices AD5560JSVUZ Datasheet HTML 62Page - Analog Devices AD5560JSVUZ Datasheet HTML 63Page - Analog Devices AD5560JSVUZ Datasheet HTML 64Page - Analog Devices AD5560JSVUZ Datasheet HTML 65Page - Analog Devices AD5560JSVUZ Datasheet HTML 66Page - Analog Devices AD5560JSVUZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
Data Sheet
AD5560
Rev. D | Page 63 of 68
TEMPERATURE CONTOUR MAP ON THE TOP OF THE PACKAGE
TQFP_EP Package
Due to localized heating, temperature at the top surface of
the package has steep gradient. Thus, the θJC value is highly
dependent on where the case temperature is measured.
Figure 61 shows the top of the die temperature contour map
for the TQFP_EP.
BGA Package
Due to localized heating, temperature at the top surface of
the package has steep gradient. Thus, the θJC value is highly
dependent on where the case temperature is measured.
Figure 62 shows the top of the die temperature contour map
for the flip chip BGA.
Figure 61. Temperature Contour Map for 64-Lead TQFP_EP
Figure 62. Temperature Contour Map for the Flip Chip BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68