| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD977ARS Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD977ARS Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 24 page ![]() AD977/AD977A –22– REV. D DATA NULL BIT DEVICE DATA #1 DEVICE DATA #2 15 0 15 DCLK R/ C BUSY Figure 28. TAG Timing Diagram for Two Concatenated AD977/AD977As POWER-DOWN FEATURE The AD977/AD977A has analog and reference power-down capability through the PWRD pin. When the PWRD pin is taken high, the power consumption drops from a maximum value of 100 mW to a typical value of 50 µW. When in the power-down mode the previous conversion results are still avail- able in the internal registers and can be read out providing it has not already been shifted out. When used with an external reference, connected to the REF pin and a 2.2 µF capacitor, connected to the CAP pin, the power up recovery time is typically 1 ms. This typical value of 1 ms for recovery time depends on how much charge has decayed from the external 2.2 µF capacitor on the CAP pin and assumes that it has decayed to zero. The 1 ms recovery time has been specified such that settling to 16-bits has been achieved. When used with the internal reference, the dominant time con- stant for power-up recovery is determined by the external capacitor on the REF pin and the internal 4K impedance seen at that pin. An external 2.2 µF capacitor is recommended for the REF pin. CONSIDERATIONS WHEN USING MULTIPLEXED INPUTS Consideration must be given to the effect on A/D performance in applications that require the use of analog multiplexers or analog switches to interface multiple signals to the AD977/AD977A. The nonzero “on” resistance of a multiplexer or switch, at the input to the AD977/AD977A, will increase the system offset and gain error. As an example, consider the AD977 configured for an input voltage range of ±10 V dc. For every 5 Ω of source impedance (in addition to the required external 200 Ω input resistor) an offset error of 1 LSB would be introduced and the positive gain error would increase by an added 0.00375% of full scale. This error, due to nonzero source impedance, can be cor- rected through a hardware or software system level calibration, but will only be valid at the temperature and input voltage present at the time of calibration. Another factor to consider is that most analog multiplexers and switches exhibit a nonlinear relationship between input signal level and on resistance. This will introduce added distortion products that will degrade THD, S/(N+D) and INL. For these reasons it is recommended that an appropriate buffer be used between the output of the multiplexer and the input of the AD977. When switching the input to the multiplexer, and subsequently the input to the AD977, it is recommended that the transition be made to occur either immediately after the current conver- sion is complete or shortly after the beginning of a conversion. MICROPROCESSOR INTERFACING The AD977/AD977A is ideally suited for traditional dc mea- surement applications supporting a microprocessor, and ac signal processing applications interfacing to a digital signal processor. The AD977/AD977A is designed to interface with a general purpose serial port or I/O ports on a microcontroller. A variety of external buffers can be used with the AD977/AD977A to prevent digital noise from coupling into the ADC. The following sections illustrate the use of the AD977/AD977A with an SPI equipped microcontroller and the ADSP-2181 signal processor. SPI Interface Figure 29 shows a general interface diagram between the AD977/AD977A and an SPI equipped microcontroller. This interface assumes that the convert pulses will originate from the microcontroller and that the AD977/AD977A will act as the slave device. The convert pulse could be initiated in response to an internal timer interrupt. The reading of output data, one byte at a time, if necessary, could be initiated in response to the end- of-conversion signal ( BUSY going high). +5V SDI SCK I/O PORT IRQ SPI DATACLK DATA TAG AD977/ AD977A EXT/INT CS BUSY R/C Figure 29. AD977/AD977A to SPI Interface ADSP-2181 Interface Figure 30 shows an interface between the AD977/AD977A and the ADSP-2181 Digital Signal Processor. The AD977/AD977A is configured for the Internal Clock mode (EXT/ INT = 0) and will therefore act as the master device. The convert command is shown generated from an external oscillator in order to provide a low jitter signal appropriate for both dc and ac measurements. Because the SPORT, within the ADSP-2181, will be seeing a discontinuous external clock, some steps are required to ensure that the serial port is properly synchronized to this clock during each data read operation. The recommended procedure to ensure this is as follows, – enable SPORT0 through the System Control register – set the SCLK Divide register to zero – setup PF0 and PF1 as outputs by setting bits 0 and 1 in PFTYPE – force RFS0 low through PF0. The Receive Frame Sync signal has been programmed active high – enable AD977/AD977A by forcing CS = 0 through PF1 – enable SPORT0 Receive Interrupt through the IMASK register – wait for at least one full conversion cycle of the AD977/AD977A and throw away the received data – disable the AD977/AD977A by forcing CS = 1 through PF1 – wait for a period of time equal to one conversion cycle – force RFS0 high through PF0 – enable the AD977/AD977A by forcing CS = 0 through PF1 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |