Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM26LS31MJB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM26LS31MJB
Descripción Electrónicos  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM26LS31MJB Datasheet(HTML) 4 Page - Texas Instruments

  AM26LS31MJB Datasheet HTML 1Page - Texas Instruments AM26LS31MJB Datasheet HTML 2Page - Texas Instruments AM26LS31MJB Datasheet HTML 3Page - Texas Instruments AM26LS31MJB Datasheet HTML 4Page - Texas Instruments AM26LS31MJB Datasheet HTML 5Page - Texas Instruments AM26LS31MJB Datasheet HTML 6Page - Texas Instruments AM26LS31MJB Datasheet HTML 7Page - Texas Instruments AM26LS31MJB Datasheet HTML 8Page - Texas Instruments AM26LS31MJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
Recommended Operating Conditions
Electrical Characteristics
(1)
Switching Characteristics
AM26LS31C, AM26LS31M
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS114I – JANUARY 1979 – REVISED FEBRUARY 2006
MIN
NOM
MAX
UNIT
AM26LS31C
4.75
5
5.25
VCC
Supply voltage
V
AM26LS31M
4.5
5
5.5
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–20
mA
IOL
Low-level output current
20
mA
AM26LS31C
0
70
TA
Operating free-air temperature
°C
AM26LS31M
–55
125
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = –18 mA
–1.5
V
VOH
High-level output voltage
VCC = MIN,
IOH = –20 mA
2.5
V
VOL
Low-level output voltage
VCC = MIN,
IOL = 20 mA
0.5
V
VO = 0.5 V
–20
Off-state (high-impedance-state)
IOZ
VCC = MIN,
µA
output current
VO = 2.5 V
20
II
Input current at maximum input voltage
VCC = MAX,
VI = 7 V
0.1
mA
IIH
High-level input current
VCC = MAX,
VI = 2.7 V
20
µA
IIL
Low-level input current
VCC = MAX,
VI = 0.4 V
–0.36
mA
IOS
Short-circuit output current(3)
VCC = MAX
–30
–150
mA
ICC
Supply current
VCC = MAX,
All outputs disabled
32
80
mA
(1)
For C-suffix devices, VCC min = 4.75 V and VCC max = 5.25 V. For M-suffix devices, VCC min = 4.5 V and VCC max = 5.5 V.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
(3)
Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.
V
CC = 5 V (see Figure 1)
TA = 25°C
AM26LS31M
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
MAX
Propagation delay time, low- to
tPLH
14
20
30
high-level output
CL = 30 pF,
S1 and S2 open
ns
Propagation delay time, high- to
tPHL
14
20
30
low-level output
tPZH
Output enable time to high level
RL = 75 Ω
25
40
60
CL = 30 pF
ns
tPZL
Output enable time to low level
RL = 180 Ω
37
45
68
tPHZ
Output disable time from high level
21
30
45
CL = 10 pF,
S1 and S2 closed
ns
tPLZ
Output disable time from low level
23
35
53
tSKEW
Output-to-output skew
CL = 30 pF,
S1 and S2 open
1
6
9
ns
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com