Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZT52C13LP Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza BZT52C13LP
Descripción Electrónicos  Ultra-Small Leadless Surface Mount Package Ideally Suited for Automated Assembly Processes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C13LP Datasheet(HTML) 3 Page - Diodes Incorporated

  BZT52C13LP Datasheet HTML 1Page - Diodes Incorporated BZT52C13LP Datasheet HTML 2Page - Diodes Incorporated BZT52C13LP Datasheet HTML 3Page - Diodes Incorporated BZT52C13LP Datasheet HTML 4Page - Diodes Incorporated BZT52C13LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZT52C2V4LP - BZT52C39LP
Document number: DS30506 Rev. 18 - 2
3 of 5
www.diodes.com
September 2011
© Diodes Incorporated
BZT52C2V4LP - BZT52C39LP
0
50
100
150
200
250
300
0
25
50
75
100
125
150
Note 5
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
0.1
1
10
100
1000
0
0.3
0.6
0.9
1.2
1.5
T = 25°C
A
T = -65°C
A
T = -40°C
A
T = 85°C
A
T = 105°C
A
T = 125°C
A
T = 150°C
A
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.01
0.1
1
10
100
01
2
3
4
5
6
T = 25°C
A
C4V7LP
0
10
20
30
40
50
0
1
2
3
456
7
89
10
V , ZENER VOLTAGE (V)
Fig. 4 Typical Zener Breakdown Characteristics
Z
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 5 Typical Zener Breakdown Characteristics
Z
10
20
30
Test Current I
5.0mA
Z
C10LP
C12LP
C18LP
C22LP
C15LP
C39LP
C36LP
V , ZENER VOLTAGE (V)
Fig. 6 Typical Zener Breakdown Characteristics
Z
Test Current I
Z
2.0mA



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com