| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9920ABBCZRL Datasheet(PDF) 53 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9920ABBCZRL Datasheet(HTML) 53 Page - Analog Devices |
|
53 / 112 page ![]() AD9920A Rev. B | Page 53 of 112 INTERNAL VERTICAL DRIVER CONNECTIONS (18-CHANNEL MODE) V1A V9 V10 V11 V12 V5 V4 XV4 XV22 (XSG7) XV5 XV23 (XSG8) V6 XV6 XV24 (XSG9) V1B XV9 +3V V-DRIVER XV10 XV11 XV12 XSUBCK XV16 (XSG1) XV1 XV17 (XSG2) 3-LEVEL OUTPUTS 2-LEVEL OUTPUTS 2-LEVEL OUTPUT, REDUCED DRIVE V2A V2B XV18 (XSG3) XV2 XV19 (XSG4) V7 V8 XV7 XV8 V13 V14 XV13 XV14 V3A V3B XV20 (XSG5) XV3 XV21 (XSG6) V15 XV15 INTERNAL TIMING GENERATOR VH,VL SUBCK AD9920A G9 G6 G5 E9 J9 F6 F5 E5 D10 F9 F7 D9 C4 C5 B5 E6 E7 C8 G7 XSUBCNT (LOGIC INPUT) K11 V16 J8 J6 LEGEN Figure 65. Internal AFETG to V-Driver Connections, Legacy Mode (18-Channel Mode) |