| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
106TLS050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc. |
|
|
|||||||||||||||||||||||||||||
106TLS050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc. |
|
2 / 2 page ![]() TLS +85°C, Low Leakage current 2000 hours Capacitance (µF) WVDC IC PART NUMBER Maximum ESR (mΩ) 120 Hz, +20°C Maximum RMS Ripple Current (mA) 120 Hz, +105°C Dims DxL (mm) 1 50 105TLS050M 165.786 10 5x13 1.5 50 155TLS050M 110.524 22 5x13 2.2 50 225TLS050M 75.358 23 5x13 3.3 50 335TLS050M 50.238 30 5x13 4.7 50 475TLS050M 35.274 35 5x13 6.8 50 685TLS050M 24.38 45 5x13 10 35 106TLS035M 19.894 50 5x13 10 50 106TLS050M 16.579 55 6.3x13 15 25 156TLS025M 15.473 55 5x13 15 50 156TLS050M 11.052 70 6.3x13 22 16 226TLS016M 12.057 60 5x13 22 35 226TLS035M 9.043 80 6.3x13 22 50 226TLS050M 7.536 95 6.3x16 33 10 336TLS010M 10.048 65 5x13 Capacitance (µF) WVDC IC PART NUMBER Maximum ESR (mΩ) 120 Hz, +20°C Maximum RMS Ripple Current (mA) 120 Hz, +105°C Dims DxL (mm) 33 25 336TLS025M 7.033 90 6.3x13 33 35 336TLS035M 6.0286 105 6.3x16 33 50 336TLS050M 5.0238 130 8x16 47 16 476TLS016M 5.644 100 6.3x13 47 25 476TLS025M 4.938 120 6.3x16 47 50 476TLS050M 3.527 155 8x16 68 10 686TLS010M 4.876 105 6.3x13 68 16 686TLS016M 3.901 130 6.3x16 68 35 686TLS035M 2.926 170 8x16 100 10 107TLS010M 3.316 145 6.3x16 100 16 107TLS016M 2.653 180 8x16 100 25 107TLS025M 2.321 190 8x16 100 35 107TLS035M 1.989 230 8x20 |