| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMS320 Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320 Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 70 page ![]() S NO. WORDS D DESCRIPTION D D K D D S D S S D D S D S S X D D X S D D D D K D MNEMONIC K INSTRUCTION BIT CODE TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS SPRS010B — MAY 1987 — REVISED NOVEMBER 1990 POST OFFICE BOX 1443 HOUSTON, TEXAS 77001 12 Table 3. TMS320C25 Instruction Set Summary ACCUMULATOR MEMORY REFERENCE INSTRUCTIONS 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ABS Absolute value of accumulator 1 1 1 0 0 1 1 1 0 0 0 0 1 1 0 1 1 ADD Addtoaccumulatorwithshift 1 0 00 0 I ADDC‡ Addtoaccumulatorwithcarry 1 0 10 000 1 1 I ADDH Addtohighaccumulator 1 0 10 010 0 0 I ADDK‡ Add to accumulator short immediate 1 1 10 011 0 0 ADDS Addtolow accumulatorwithsign extension suppressed 1 0 10 010 0 1 I ADDT Add to accumulator with shift specified by T register 1 0 10 010 1 0 I ADLK† Add to accumulator long immediate with shift 2 1 1 0 1 0 00 0 0 01 0 AND AND with accumulator 1 0 10 011 1 0 I ANDK† AND immediate with accumulator with shift 2 1 1 0 1 0 00 0 0 10 0 CMPL† Complement accumulator 1 1 10 011 1 0 0 0 1 0 0 1 1 1 LAC Load accumulator with shift 1 0 01 0 I LACK Load accumulator immediate short 1 1 10 010 1 0 LACT† Load accumulator with shift specified by T register 1 0 10 000 1 0 I LALK† Load accumulator long immediate with shift 2 1 1 0 1 0 00 0 0 00 1 NEG† Negate accumulator 1 1 10 011 1 0 0 0 1 0 0 0 1 1 NORM† Normalize contents of accumulator 1 1 10 011 1 0 1 X X X 0 0 1 0 OR OR with accumulator 1 0 10 011 0 1 I ORK† OR immediate with accumulator with shift 2 1 1 0 1 0 00 0 0 10 1 ROL‡ Rotate accumulator left 1 1 10 011 1 0 0 0 1 1 0 1 0 0 ROR‡ Rotate accumulator right 1 1 10 011 1 0 0 0 1 1 0 1 0 1 SACH Store high accumulator with shift 1 0 11 01 I SACL Store low-order accumulator with shift 1 0 11 00 I SBLK† Subtract from accumulator long immediate with shift 2 1 1 0 1 0 00 0 0 01 1 SFL† Shift accumulator left 1 1 10 011 1 0 0 0 0 1 1 0 0 0 SFR† Shift accumulator right 1 1 10 011 1 0 0 0 0 1 1 0 0 1 SUB Subtract from accumulator with shift 1 0 00 1 I SUBB‡ Subtract from accumulator with borrow 1 0 10 011 1 1 I SUBC Conditional subtract 1 0 10 001 1 1 I SUBH Subtract from high accumulator 1 0 10 001 0 0 I SUBK‡ Subtract from accumulator short immediate 1 1 10 011 0 1 SUBS Subtract from low accumulator with sign extension suppressed 1 0 1 0 0 0 1 0 1 I † These instructions are not included in the TMS320C1x instruction set. ‡ These instructions are not included in the TMS32020 instruction set. |