Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C2.5X6.3MM-RAD Datasheet(PDF) 34 Page - Silicon Laboratories

No. de pieza C2.5X6.3MM-RAD
Descripción Electrónicos  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 30Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 31Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 32Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 33Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 34Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 35Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 36Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 37Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 38Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Si3226/7
Si3208/9
34
Preliminary Rev. 0.33
8. Package Outline: 64-Pin TQFP
Figure 12 illustrates the package details for the Si3226/7. Table 19 lists the values for the dimensions shown in the
illustration.
Figure 12. 64-Pin Thin Quad Flat Package (TQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38