Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EPC2TC32 Datasheet(PDF) 13 Page - Altera Corporation

No. de pieza EPC2TC32
Descripción Electrónicos  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2TC32 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EPC2TC32 Datasheet HTML 9Page - Altera Corporation EPC2TC32 Datasheet HTML 10Page - Altera Corporation EPC2TC32 Datasheet HTML 11Page - Altera Corporation EPC2TC32 Datasheet HTML 12Page - Altera Corporation EPC2TC32 Datasheet HTML 13Page - Altera Corporation EPC2TC32 Datasheet HTML 14Page - Altera Corporation EPC2TC32 Datasheet HTML 15Page - Altera Corporation EPC2TC32 Datasheet HTML 16Page - Altera Corporation EPC2TC32 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Programming and Configuration File Support
Page 13
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
Table 5 lists the programming adapter to use with each configuration device.
To program Altera configuration devices using the Quartus II software and the APU,
follow these steps:
1. Choose the Quartus II Programmer (Tools menu).
2. Load the appropriate .pof by clicking Add. The Device column displays the
device for the current programming file.
3. Insert a blank configuration device into the programming adapter’s socket.
4. Turn on the Program/Configure. You can also turn on Verify to verify the contents
of a programmed device against the programming data loaded from a
programming file.
5. Click Start.
6. After successful programming, you can place the configuration device on the PCB
to configure the FPGA device.
To program Altera configuration devices using the MAX+PLUS II software and the
APU, follow these steps:
1. Open the MAX+PLUS II Programmer.
2. Load the appropriate .pof using the Select Programming File dialog box (File
menu). By default, the Programmer loads the current project’s .pof. The Device
field displays the device for the current programming file.
3. Insert a blank configuration device into the programming adapter’s socket.
4. Click Program.
5. After successful programming, you can place the configuration device on the PCB
to configure the FPGA device.
If you are cascading EPC1 or EPC2 devices, you must generate multiple .pof. The first
device .pof have the same name as the project, while the second device .pof have the
same name as the first, but with a “_1” extension (e.g., top_1.pof).
Table 5. Programming Adapters
Device
Package
Adapter
EPC2
20
-pin J-Lead
PLMJ1213
32-pin TQFP
PLMT1213
EPC1
8-pin DIP
PLMJ1213
20-pin J-Lead
PLMJ1213
EPC1441
8-pin DIP
PLMJ1213
20-pin J-Lead
PLMJ1213
32-pin TQFP
PLMT1064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26