| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC18F2610E/SPSQTP Datasheet(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2610E/SPSQTP Datasheet(HTML) 1 Page - Microchip Technology |
|
1 / 376 page ![]() © 2009 Microchip Technology Inc. DS39636D-page 3 PIC18F2X1X/4X1X Power-Managed Modes: • Run: CPU On, Peripherals On • Idle: CPU Off, Peripherals On • Sleep: CPU Off, Peripherals Off • Idle mode Currents Down to 3.0 μA Typical • Sleep mode Currents Down to 20 nA Typical • Timer1 Oscillator: 1.8 μA, 32 kHz, 2V • Watchdog Timer: 2.1 μA • Two-Speed Oscillator Start-up Peripheral Highlights: • High-Current Sink/Source 25 mA/25 mA • Up to 2 Capture/Compare/PWM (CCP) modules, One with Auto-Shutdown (28-pin devices) • Enhanced Capture/Compare/PWM (ECCP) module (40/44-pin devices only): - One, two or four PWM outputs - Selectable polarity - Programmable dead time - Auto-shutdown and auto-restart • Master Synchronous Serial Port (MSSP) module Supporting 3-Wire SPI (all 4 modes) and I2C™ Master and Slave modes • Enhanced Addressable USART module: - Supports RS-485, RS-232 and LIN 1.2 - RS-232 operation using internal oscillator block (no external crystal required) - Auto-wake-up on Start bit - Auto-Baud Detect • 10-Bit, Up to 13-Channel Analog-to-Digital Converter module (A/D): - Auto-acquisition capability - Conversion available during Sleep • Dual Analog Comparators with Input Multiplexing • Programmable 16-Level High/Low-Voltage Detection (HLVD) module: - Supports interrupt on High/Low-Voltage Detection Flexible Oscillator Structure: • Four Crystal modes, Up to 40 MHz • 4x Phase Lock Loop (PLL) – Available for Crystal and Internal Oscillators • Two External RC modes, Up to 4 MHz • Two External Clock modes, Up to 40 MHz • Internal Oscillator Block: - 8 user-selectable frequencies, from 31 kHz to 8MHz - Provides a complete range of clock speeds from 31 kHz to 32 MHz when used with PLL - User-tunable to compensate for frequency drift • Secondary Oscillator using Timer1 @ 32 kHz • Fail-Safe Clock Monitor: - Allows for safe shutdown if peripheral clock stops Special Microcontroller Features: • C Compiler Optimized Architecture: - Optional extended instruction set designed to optimize re-entrant code • 100,000 Erase/Write Cycle Flash Program Memory Typical • Three Programmable External Interrupts • Four Input Change Interrupts • Priority Levels for Interrupts • 8 x 8 Single-Cycle Hardware Multiplier • Extended Watchdog Timer (WDT): - Programmable period from 4 ms to 131s • Single-Supply 5V In-Circuit Serial Programming™ (ICSP™) via Two Pins • In-Circuit Debug (ICD) via Two Pins • Wide Operating Voltage Range: 2.0V to 5.5V • Programmable Brown-out Reset (BOR) with Software Enable Option 28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology |
Número de pieza similar - PIC18F2610E/SPSQTP |
|
Descripción similar - PIC18F2610E/SPSQTP |