| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC18F1320TE/SSQTP Datasheet(PDF) 97 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1320TE/SSQTP Datasheet(HTML) 97 Page - Microchip Technology |
|
97 / 308 page ![]() © 2007 Microchip Technology Inc. DS39605F-page 95 PIC18F1220/1320 FIGURE 10-12: BLOCK DIAGRAM OF RB5/PGM/KBI1 PIN Data Latch From other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR LATB WR TRISB Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB5 and Weak Pull-up RD PORTB Latch TTL Input Buffer ST Buffer RB7:RB5 in Serial Programming Mode Q3 Q1 RD LATB or PORTB Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (INTCON2<7>). RB4 pins |