| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC12F508E/SL Datasheet(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508E/SL Datasheet(HTML) 74 Page - Microchip Technology |
|
74 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 74 © 2009 Microchip Technology Inc. TABLE 10-2: PULL-UP RESISTOR RANGES – PIC12F508/509/16F505 VDD (Volts) Temperature ( °C) Min. Typ. Max. GP0(RBO)/GP1(RB1) 2.0 –40 73K 105K 186K 25 73K 113K 187K 85 82K 123K 190K 125 86K 132k 190K 5.5 –40 15K 21K 33K 25 15K 22K 34K 85 19K 26k 35K 125 23K 29K 35K GP3(RB3) 2.0 –40 63K 81K 96K 25 77K 93K 116K 85 82K 96k 116K 125 86K 100K 119K 5.5 –40 16K 20k 22K 25 16K 21K 23K 85 24K 25k 28K 125 26K 27K 29K * These parameters are characterized but not tested. |