| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP25020E/P Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP25020E/P Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 66 page ![]() TABLE 4-2: COMMAND MESSAGES (STANDARD IDENTIFIER) Information Request Messages (to MCP2502X/5X) Standard ID Data Bytes 1 0 98 76543 210 R T R I D E DLC Read A/D Regs xxxx xxx * 0 0 0 1* 0 1 0 0 0 8* n/a n/a n/a n/a n/a n/a n/a n/a Read Control Regs xxxx xxx * 0 0 1 1* 0 0 1 1 1 7* n/a n/a n/a n/a n/a n/a n/a n/a Read Config Regs xxxx xxx * 0 1 0 1* 0 0 1 0 1 5* n/a n/a n/a n/a n/a n/a n/a n/a Read CAN Error xxxx xxx * 0 1 1 1* 0 0 0 1 1 3* n/a n/a n/a n/a n/a n/a n/a n/a Read PWM Config xxxx xxx * 1 0 0 1* 0 0 1 1 0 6* n/a n/a n/a n/a n/a n/a n/a n/a Read User Mem (bank1) xxxx xxx * 1 0 1 1* 0 1 0 0 0 8* n/a n/a n/a n/a n/a n/a n/a n/a Read User Mem (bank 2) xxxx xxx * 1 1 0 1* 0 1 0 0 0 8* n/a n/a n/a n/a n/a n/a n/a n/a Output Messages (from MCP2502X/5X) Standard ID Data Bytes 1 0 98 765 43 21 0 R T R I D E DLC Read A/D Regs x x x x x x x * 0 0 0 00 1 0 0 0 8 IOINTFL GPIO AN0H AN1H AN10L AN2H AN3H AN32L Read Control Regs x x x x x x x * 0 0 1 00 0 1 1 1 7 ADCON0 ADCON1 OPTREG OPTREG STCON IOINTEN IOINTPO n/a Read Config Regs x x x x x x x * 0 1 0 00 0 1 0 1 5 DDR GPIO CNF1 CNF2 CNF3 n/a n/a n/a Read CAN Error x x x x x x x * 0 1 1 00 0 0 1 1 3EFLG TEC REC n/a n/a n/a n/a n/a Read PWM Config x x x x x x x * 1 0 0 00 0 1 1 0 6 PR1 PR2 T1CON T2CON PWM1DC PWM2DC n/a n/a Read User Mem (bank1) x x x x x x x * 1 0 1 00 1 0 0 0 8 USERID0 USERID1 USERID2 USERID3 USERID4 USERID5 USERID6 USERID7 Read User Mem (bank 2) x x x x x x x * 1 1 0 00 1 0 0 0 8 USERID8 USERID9 USERID1 USERID1 USERID1 USERID1 USERID1 USERID1 Input Messages** (to MCP2502X/5X) Standard ID Data Bytes 1 0 98 765 43 21 0 R T R I D E DLC Write Register x x x x x x x x 0 0 0 00 0 0 1 1 3 addr mask value n/a n/a n/a n/a n/a Write TX Message ID 0 x x x x x x x x 0 0 1 00 0 1 0 0 4 TX0SIDH TX0SIDL TX0EID8 TX0EID0 n/a n/a n/a n/a Write TX Message ID 1 x x x x x x x x 0 1 0 00 0 1 0 0 4 TX1SIDH TX1SIDL TX1EID8 TX1EID0 n/a n/a n/a n/a Write TX Message ID 2 x x x x x x x x 0 1 1 00 0 1 0 0 4 TX2SIDH TX2SIDL TX2EID8 TX2EID0 n/a n/a n/a n/a Write I/O Configuration x x x x x x x x 1 0 0 00 0 1 0 1 5 IOINTEN IOINTPO DDR OPTREG ADCON1 n/a n/a n/a Write RX Mask x x x xxx xx 1 0 1 00 0 1 0 0 4 RXMSIDH RXMSIDL RXMEID8 RXMEID0 n/a n/a n/a n/a Write RX Filter0 x x x x x x x x 1 1 0 00 0 1 0 0 4 RXF0SID RXF0SID RXF0EID RXF0EID n/a n/a n/a n/a Write RX Filter1 x x x x x x x x 1 1 1 00 0 1 0 0 4 RXF1SID RXF1SID RXF1EID RXF1EID n/a n/a n/a n/a * If using non-RTR messages for information request messages (IRM), the RTR bit = 0, DLC bit field = 0, and bit 3 of the IRM ID = 1. Also, bit 3 of the output message ID = 0. If using RTR messages for IRMs, the RTR bit = 1, DLC bit field = number of bytes in corresponding output message, and bit three of the IRM ID = x (don’t care), also, bit 3 of the output message = x (don’t care). ** User-defined IRM IDs must be different from input message IDs to avoid message contention between the corresponding output message and the input message. |