| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS3100C18-3SW Datasheet(PDF) 42 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3100C18-3SW Datasheet(HTML) 42 Page - Amphenol Corporation |
|
42 / 73 page ![]() 41 A B C D E F H J K L M N P R S T U V W X Y T U Z a b c d f g h i j k m n p q w v s t front face of pin insert or rear face of socket insert illustrated Special contact arrangements Insert Arrangement 32-56 32-57 32-58 32-59 Service Rating A ** – A Number of Contacts 24 6 6 2 4 40 2 Contact Size 16 12 for #10 wire 12 0 (Coax) RG-71/U 4 (Coax) RG-161/U 16 8 (Coax) RG-161/U or RG-179/U Insert Arrangement 32-60 32-62 32-64 32-68 Service Rating A ** Inst. A Number of Contacts 15 8 2 1 2 16 2 54 12 4 Contact Size 16 8 (Coax) RG-124/U 4 8 12 16 8 (Coax) RG-124/U 16 16 4 (Coax) RG-58C/U Insert Arrangement 32-73 32-75 32-76 32-79 32-82 Service Rating A 8, 9 = D A D A Number of Contacts 46 2 7 19 4 1 4 12 Contact Size 16 12 8 (Coax) RG-180B/U 12 4 8 4 16 ** Consult Amphenol, Sidney, NY for service rating of power contacts. CONTACT LEGEND 16 12 8 4 0 A B C D E F G H I J K L M N O P R S T U V W X Y Z a b c d e A BC DE F G H A B C D A B C D E F H J K L M N P R S T U V W X Y Z a AB CD EF GH J KL M N O P R S T U V W I X A B C D E F G H J K L M N O P R S T U V W X YZ a b c d e f g h j k m n p r t u v w s x y z q AA AB AC AD AE AF AG AB C D E FG H J KL M N P Q R 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 1 2 3 4 5 6 7 8 9 12 3 4 5 67 8 9 10 11 12 13 14 15 16 17 18 19 A B C D E AB C D E FG H J KL M N P Q R |