Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS3100C18-3SW Datasheet(PDF) 63 Page - Amphenol Corporation

No. de pieza MS3100C18-3SW
Descripción Electrónicos  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3100C18-3SW Datasheet(HTML) 63 Page - Amphenol Corporation

Back Button MS3100C18-3SW Datasheet HTML 59Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 60Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 61Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 62Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 63Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 64Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 65Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 66Page - Amphenol Corporation MS3100C18-3SW Datasheet HTML 67Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
62
GROMMET 10-408XX-XX*
The Amphenol® grommet provides maximum per-
formance when cables are used which have an
O.D. equal to the O.D. specified in MIL-W-5086. For
waterproof assembly a cable sheath of neoprene
base material is required maintaining the O.D. per
MIL-W-5086.
SEALING PLUG MS27488-XX-1
10-405996-XX1
Sealing plugs are used to fill unused holes
in multi-holed grommet configurations.
* To complete grommet order number add the contact arrangement number desired.
(See pages 22 and 23 for available insert arrangements). Example: 10-40810-2 is the
order number for the grommet used with 10S-2 insert arrangement.
MS
Shell
Size
Order
Number*
A
±.010
B
±.010
C
+.010
–.020
8S
10-40808-XX
.312
.250
.406
10S
10-40810-XX
.312
.250
.406
10SL
10-40811-XX
.312
.375
.406
12S
10-40812-XX
.312
.375
.406
12
10-40813-XX
.375
.375
.469
14S
10-40814-XX
.312
.500
.406
14
10-40815-XX
.375
.500
.469
16S
10-40816-XX
.312
.625
.406
16
10-40817-XX
.375
.625
.469
18
10-40818-XX
.438
.750
.532
20
10-40820-XX
.438
.875
.532
22
10-40822-XX
.438
1.000
.532
24
10-40824-XX
.438
1.125
.594
28
10-40828-XX
.438
1.240
.594
32
10-40832-XX
.438
1.531
.657
36
10-40836-XX
.438
1.766
.657
40
10-40840-XX
.438
2.000
.657
**±.020
Order
No.
Contact
Size
MS
Number
Wire
Size
Color
Code
A
Dia.
±.010
B
±.005
C
±.010
10-405996-161
16
27488-16-1
20-16
Blue
.083
.133
.564**
10-405996-121
12
27488-12-1
14-12
Yellow
.121
.171
.564**
10-405996-81
8
27488-8-1
10-8
White
.185
.315
.470
10-405996-41
4
27488-4-1
4-6
Blue
.310
.415
.470
10-405996-01
0
27488-0-1
0-2
Yellow
.440
.605
1.000
MS/Standard Accessories
grommet/sealing plugs
B
A
C
B
DIA
45˚
A
DIA
C
.135 +.030
–.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73