| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MS3100A18-3SW Datasheet(PDF) 39 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS3100A18-3SW Datasheet(HTML) 39 Page - Amphenol Corporation |
|
39 / 73 page ![]() 38 A B C D E F H J K L M N Special contact arrangements Requirements for more complex circuits prompted Amphenol to provide inserts not covered by the MS draw- ings. Illustrated here and on the following pages are insert layouts which have from one contact (high tension) to the 104 contact insert in shell size 44. Many of these special inserts are also available in alter- nate keyway arrangements. Please contact Amphenol, Sidney, NY for additional information on special circuit application requirements. front face of pin insert or rear face of socket insert illustrated Insert Arrangement 14S-A7 16-59 20-26 20-51 20-57 20-58 Service Rating A A A A A A Number of Contacts 7 4 19 3* 7* 5 5 Contact Size 16 12 16 8 12 for #14 or 16 wire 12 16 Insert Arrangement 20-59 20-66 20-79 22-63 22-65 22-70 Service Rating A A H = D; Bal. = A A H = D; Bal. = A A Number of Contacts 3* 1 5 7* 1* 4 8 8* 8 5 Contact Size 8 for #10 or 12 wire 16 12 for #10 wire 16 12 for #16 wire 12 16 12 for #14 or 16 wire 12 16 Insert Arrangement 22-80 24-19 24-51 24-52 24-53 24-58 Service Rating A A A Hi-Volt A A Number of Contacts 3* 12 5* 1 5* 3 3 7 Contact Size 8 for #10 or 12 wire 16 B, E for AN #10 or 12 wire 12 8 8 12 16 A, C, D for AN #8 wire * Solderless CONTACT LEGEND 16 12 8 4 0 A F E D C B G A B C A B C D E F H J K L A B C D EG F A B C A B C D E F A B C D E F G H A B C E F H J K L M N D A B C D E F H J K L M N P A B C A B C D E A B C D E A B C D E F H J K L M N P A B C D E F G H AB CD A B C D E F G H S R J T V P K L M U N |