Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P80C32X2FN Datasheet(PDF) 43 Page - NXP Semiconductors

No. de pieza P80C32X2FN
Descripción Electrónicos  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C32X2FN Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button P80C32X2FN Datasheet HTML 39Page - NXP Semiconductors P80C32X2FN Datasheet HTML 40Page - NXP Semiconductors P80C32X2FN Datasheet HTML 41Page - NXP Semiconductors P80C32X2FN Datasheet HTML 42Page - NXP Semiconductors P80C32X2FN Datasheet HTML 43Page - NXP Semiconductors P80C32X2FN Datasheet HTML 44Page - NXP Semiconductors P80C32X2FN Datasheet HTML 45Page - NXP Semiconductors P80C32X2FN Datasheet HTML 46Page - NXP Semiconductors P80C32X2FN Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
43
AC ELECTRICAL CHARACTERISTICS (6-CLOCK MODE, 2.7 V TO 5.5 V OPERATION)
Tamb = 0 °C to +70 °C or –40 °C to +85 °C ; VCC=2.7 V to 5.5 V, VSS = 0 V1,2,3,4,5
Symbol
Figure
Parameter
Limits
16 MHz Clock
Unit
MIN
MAX
MIN
MAX
1/tCLCL
31
Oscillator frequency
0
16
–
–
MHz
tLHLL
27
ALE pulse width
tCLCL–10
–
52.5
–
ns
tAVLL
27
Address valid to ALE low
0.5 tCLCL –15
–
16.25
–
ns
tLLAX
27
Address hold after ALE low
0.5 tCLCL –25
–
6.25
–
ns
tLLIV
27
ALE low to valid instruction in
–
2 tCLCL –55
–
70
ns
tLLPL
27
ALE low to PSEN low
0.5 tCLCL –15
–
16.25
–
ns
tPLPH
27
PSEN pulse width
1.5 tCLCL –15
–
78.75
–
ns
tPLIV
27
PSEN low to valid instruction in
–
1.5 tCLCL –55
–
38.75
ns
tPXIX
27
Input instruction hold after PSEN
0
–
0
–
ns
tPXIZ
27
Input instruction float after PSEN
–
0.5 tCLCL –10
–
21.25
ns
tAVIV
27
Address to valid instruction in
–
2.5 tCLCL –50
–
101.25
ns
tPLAZ
27
PSEN low to address float
–
10
–
10
ns
Data Memory
tRLRH
28
RD pulse width
3 tCLCL –25
–
162.5
–
ns
tWLWH
29
WR pulse width
3 tCLCL –25
–
162.5
–
ns
tRLDV
28
RD low to valid data in
–
2.5 tCLCL –50
–
106.25
ns
tRHDX
28
Data hold after RD
0
–
0
–
ns
tRHDZ
28
Data float after RD
–
tCLCL –20
–
42.5
ns
tLLDV
28
ALE low to valid data in
–
4 tCLCL –55
–
195
ns
tAVDV
28
Address to valid data in
–
4.5 tCLCL –50
–
231.25
ns
tLLWL
28, 29
ALE low to RD or WR low
1.5 tCLCL –20
1.5 tCLCL +20
73.75
113.75
ns
tAVWL
28, 29
Address valid to WR low or RD low
2 tCLCL –20
–
105
–
ns
tQVWX
29
Data valid to WR transition
0.5 tCLCL –30
–
1.25
–
ns
tWHQX
29
Data hold after WR
0.5 tCLCL –20
–
11.25
–
ns
tQVWH
29
Data valid to WR high
3.5 tCLCL –10
–
208.75
–
ns
tRLAZ
28
RD low to address float
–
0
–
0
ns
tWHLH
28, 29
RD or WR high to ALE high
0.5 tCLCL –15
0.5 tCLCL +15
16.25
46.25
ns
External Clock
tCHCX
31
High time
0.4 tCLCL
tCLCL – tCLCX
–
–
ns
tCLCX
31
Low time
0.4 tCLCL
tCLCL – tCHCX
–
–
ns
tCLCH
31
Rise time
–
5
–
–
ns
tCHCL
31
Fall time
–
5
–
–
ns
Shift register
tXLXL
30
Serial port clock cycle time
6 tCLCL
–
375
–
ns
tQVXH
30
Output data setup to clock rising edge
5 tCLCL –25
–
287.5
–
ns
tXHQX
30
Output data hold after clock rising edge
tCLCL –15
–
47.5
–
ns
tXHDX
30
Input data hold after clock rising edge
0
–
0
–
ns
tXHDV
30
Clock rising edge to input data valid
–
5 tCLCL –133
–
179.5
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN=100 pF, load capacitance for all outputs = 80 pF
3. Interfacing the microcontroller to devices with float time up to 45ns is permitted. This limited bus contention will not cause damage to port 0
drivers.
4. Parts are guaranteed by design to operate down to 0 Hz.
5. Data shown in the table are the best mathematical models for the set of measured values obtained in tests. If a particular parameter
calculated at a customer specified frequency has a negative value, it should be considered equal to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com