| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD976BN Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD976BN Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() –16– AD976/AD976A REV. C 28-Lead 300 mil Plastic DIP (N-28B) 28 1 14 15 PIN 1 1.425 (36.195) 1.385 (35.179) 0.280 (7.11) 0.240 (6.10) 0.015 (0.381) MIN 0.210 (5.33) MAX 0.150 (3.81) 0.115 (2.92) SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.325 (8.25) 0.300 (7.62) 0.014 (0.356) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 28-Lead SOIC (R-28) SEATING PLANE 0.0118 (0.30) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.1043 (2.65) 0.0926 (2.35) 0.0500 (1.27) BSC 0.0125 (0.32) 0.0091 (0.23) 0.0500 (1.27) 0.0157 (0.40) 8 ° 0 ° 0.0291 (0.74) 0.0098 (0.25) x 45 ° 0.7125 (18.10) 0.6969 (17.70) PIN 1 28 15 14 1 28-Lead SSOP (RS-28) 28 15 14 1 0.407 (10.34) 0.397 (10.08) PIN 1 SEATING PLANE 0.008 (0.203) 0.002 (0.050) 0.07 (1.79) 0.066 (1.67) 0.0256 (0.65) BSC 0.078 (1.98) 0.068 (1.73) 0.015 (0.38) 0.010 (0.25) 0.009 (0.229) 0.005 (0.127) 0.03 (0.762) 0.022 (0.558) 8 ° 0 ° OUTLINE DIMENSIONS Dimensions shown in inches and (mm). |