Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-2300 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-2300
Descripción Electrónicos  8 MBd Low Input Current Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2300 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2300 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Ordering Information
HCPL-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577 and are approved under CSA Component Ac-
ceptance Notice #5, File CA 88324.
Part
Number
Option
Package
Surface
Mount
Gull
Wing
Tape &
Reel
UL 5000 Vrms/
1 Minute rating
IEC/EN/DIN
EN 60747-5-5 Quantity
RoHS
Compliant
non RoHS
Compliant
HCPL-2300
-000E
no option
300 mil DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-360E
#360
X
X
X
50 per tube
-560E
#560
X
X
X
X
1000 per reel
HCPL-0300
-000E
no option
SO-8
X
100 per tube
-500E
#500
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry. Combination of Option 020 and Option 060 is not available.
Example 1:
HCPL-2300-560E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with
IEC/EN/DIN EN 60747-5-5 Safety Approval and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and
RoHS compliant will use ‘–XXXE.’
The output of the shielded integrated detector circuit is
an open collector Schottky clamped transistor.The shield,
which shunts capacitively coupled common mode noise
to ground, provides a guaranteed transient immunity
specification of 100 V/µs. The output circuit includes an
optional integrated 1000 Ω pull-up resistor for the open
collector. This gives designers the flexibility to use the
internal resistor for pull-up to five volt logic or to use an
external resistor for connection to supply voltages up to
18 V (CMOS logic voltage).
The Electrical and Switching Characteristics of the
HCPL-2300/HCPL-0300 are guaranteed over a tempera-
ture range of -40°C to 85°C. This enables the user to con-
fidently design a circuit which will operate under a broad
range of operating conditions.
Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com