Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33FJ06GS101 Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza DSPIC33FJ06GS101
Descripción Electrónicos  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101 Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC33FJ06GS101 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ06GS101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2009-2013 Microchip Technology Inc.
DS80439M-page 3
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
PGEC3/
PGED3
Programming
Pins
Device
Programming
18.
When using the PGEC3/PGED3 pins for device
programming, the programming time may be slower as
compared to other available PGECx/PGEDx pin pairs.
XX
X
UART
Break
Character
Generation
19.
The UART module will not generate back-to-back Break
characters.
XX
X
PWM
Current Limit
20.
Cycle-by-cycle current-limit operation does not work when
the PWM module is configured for Center-Aligned mode.
XX
X
PWM
Current Reset
Mode
21.
Current Reset mode does not work when the current-limit
source (CLSRC) occurs during, and persists past, the
assertive time interval of the PWM, and leading-edge
blanking time is less than the PWM assertive time interval.
XX
X
UART
IrDA® Encoder/
Decoder and
8-bit Operating
Mode
22.
When the UART module is operating in 8-bit mode
(PDSEL = 0x) and using the IrDA encoder/decoder
(IREN = 1), the module incorrectly transmits a data
payload of 80h as 00h.
XX
X
UART
UxE Interrupt
23.
The UART error interrupt may not occur, or may occur at
an incorrect time, if multiple errors occur during a short
period of time.
XX
X
I2C
10-bit
Addressing
Mode
24.
When the I2C module is configured as a 10-bit slave with
an address of 0x102, the I2CxRCV register content for the
lower address byte is 0x01 rather than 0x02.
XX
X
I2C
10-bit
Addressing
Mode
25.
The 10-bit slave does not set the RBF flag or load the
I2CxRCV register, on address match if the Least
Significant bits (LSbs) of the address are the same as the
7-bit reserved addresses.
XX
X
PSV
Operations
Addressing
Modes
26.
An address error trap occurs in certain addressing modes
when accessing the first four bytes of any PSV page.
XX
X
Comparator
Sleep Mode
27.
The Comparator fails to wake the CPU from Sleep mode
when the internal voltage reference is used.
XX
X
PWM
Independent
Time Base
28.
When updating the frequency on the fly, push-pull PWM
outputs may not be synchronized with other PWM output
modes.
XX
X
Analog
Comparator
Internal
Band Gap
Reference
Voltage
29.
The Internal Band Gap Reference Voltage (INTREF) for
the analog comparator does not meet the stated accuracy
specifications.
XX
X
Auxiliary PLL
Input
Frequency
30.
For extended temperature devices, the auxiliary PLL input
frequency does not meet the published specification
range.
XX
X
ADC
Current
Consumption
in Sleep Mode
31.
If the ADC module is in an enabled state when the device
enters Sleep mode, the power-down current (IPD) of the
device may exceed the device data sheet specifications.
XX
X
High-Speed
PWM
PWM Module
Enable
32.
A glitch may be observed on the PWM pins when the
PWM module is enabled after assignment of pin
ownership to the PWM module.
XX
X
Reserved
—
33.
——
TABLE 2:
SILICON ISSUE SUMMARY (CONTINUED)
Module
Feature
Item
Number
Issue Summary
Affected
Revisions(1)
A2 A3 A4
Note 1:
Only those issues indicated in the last column apply to the current silicon revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20