Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

30F4013 Datasheet(PDF) 72 Page - Microchip Technology

No. de pieza 30F4013
Descripción Electrónicos  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 Datasheet(HTML) 72 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 68Page - Microchip Technology 30F4013 Datasheet HTML 69Page - Microchip Technology 30F4013 Datasheet HTML 70Page - Microchip Technology 30F4013 Datasheet HTML 71Page - Microchip Technology 30F4013 Datasheet HTML 72Page - Microchip Technology 30F4013 Datasheet HTML 73Page - Microchip Technology 30F4013 Datasheet HTML 74Page - Microchip Technology 30F4013 Datasheet HTML 75Page - Microchip Technology 30F4013 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 72
 2010 Microchip Technology Inc.
FIGURE 10-1:
32-BIT TIMER2/3 BLOCK DIAGRAM
TMR3
TMR2
T3IF
Equal
Comparator x 32
PR3
PR2
Reset
LSB
MSB
Event Flag
Note:
Timer Configuration bit, T32 (T2CON<3>), must be set to ‘1’ for a 32-bit timer/counter operation. All control
bits are respective to the T2CON register.
Data Bus<15:0>
Read TMR2
Write TMR2
16
16
16
Q
QD
CK
TGATE (T2CON<6>)
(T2CON<6>)
TGATE
0
1
TON
TCKPS<1:0>
2
TCY
1 x
0 1
0 0
Gate
T2CK
Sync
ADC Event Trigger
Sync
TMR3HLD
Prescaler
1, 8, 64, 256