| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
31270 Datasheet(PDF) 31 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
31270 Datasheet(HTML) 31 Page - Tyco Electronics |
|
31 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 31 Slotted Ring Tongue Terminals Wire Size Dimensions Material Wire Barrel I.D. Min. Part Numbers Circular Mils Stud L E C W Thickness Solistrand Budget Solistrand Budget [mm2] Size Max. Max. Min. Max. 26–22 6 .523 .416 .281 .250 .020 — .035 — 322211-0 202–810 M3.5 13.28 10.57 7.14 6.35 0.51 0.89 [0.1–0.41] 4 .425 .353 .172 .182 .033 .061 .065 2- 321288*0 323838-0 10.80 8.97 4.37 4.62 0.84 1.55 1.65 6 .423 .337 .156 .218 .033 .061 .065 2-321289-0 323835-0 22–16 M3.5 10.74 8.56 3.96 5.54 0.84 1.55 1.65 2-321289-1 509–3,260 8 .547 .431 .250 .281 .033 .061 .065 2- 323129-0 36953-0 [0.26–1.65] 13.89 10.95 6.35 7.14 0.84 1.55 1.65 10 .588 .462 .281 .312 .033 — .065 — 323832-0 14.94 11.73 7.14 7.92 0.84 1.65 1/4 .816 .618 .437 .469 .033 .061 .065 2-321809-0 323837-0 20.73 15.70 11.10 11.91 0.84 1.55 1.65 2-321809-1 6 .459 .352 .171 .250 .033 .085 .089 2- 322514-0 35555-0 M3.5 11.66 8.94 4.34 6.35 0.84 2.16 2.26 16–14 8 .616 .462 .281 .344 .033 — .089 — 34520-0 2,050–5,180 M4 15.65 11.73 7.14 8.74 0.84 2.26 [1.04–2.62] 10 .604 .462 .281 .343 .033 — .089 — 328872-0 15.34 11.73 7.14 8.71 0.84 2.26 1/4 .816 .618 .437 .469 .033 — .089 — 36216-0 M6 20.73 15.70 11.10 11.91 0.84 2.26 12–10 1/4 .952 .736 .468 .531 .042 .129 .134 21- 35680*0 55812-2 5,180–13,100 M6 24.18 18.69 11.89 13.49 1.07 3.28 3.40 [2.62–6.64] Note: Part numbers are shown as loose piece over tape mounted product. *Part numbers are available in small quantity packages. Wire Size Range AWG 26 to 10, CMA 202 to 13,100 [0.1 to 6.64 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 |