| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
USB4604 Datasheet(PDF) 14 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB4604 Datasheet(HTML) 14 Page - SMSC Corporation |
|
14 / 71 page ![]() USB 2.0 HSIC Hi-Speed 4-Port Hub Controller Datasheet Revision 1.0 (06-17-13) 14 SMSC USB4604 DATASHEET 1 Downstream USB D+ (Port 3) USBDN3_DP AIO Downstream USB Port 3 D+ data signal. Port 3 D+ Disable Configuration Strap PRT_DIS_P3 IS This strap is used in conjunction with PRT_DIS_M3 to disable USB Port 3. 0 = Port 3 D+ Enabled 1 = Port 3 D+ Disabled Note: Both PRT_DIS_P3 and PRT_DIS_M3 must be tied to VDD33 at reset to disable the associated port. See Note 3.3 for more information on configuration straps. 1 Downstream USB D- (Port 3) USBDN3_DM AIO Downstream USB Port 3 D- data signal. Port 3 D- Disable Configuration Strap PRT_DIS_M3 IS This strap is used in conjunction with PRT_DIS_P3 to disable USB Port 3. 0 = Port 3 D- Enabled 1 = Port 3 D- Disabled Note: Both PRT_DIS_P3 and PRT_DIS_M3 must be tied to VDD33 at reset to disable the associated port. See Note 3.3 for more information on configuration straps. 1 Downstream USB D+ (Port 4) USBDN4_DP AIO Downstream USB Port 4 D+ data signal. Port 4 D+ Disable Configuration Strap PRT_DIS_P4 IS This strap is used in conjunction with PRT_DIS_M4 to disable USB Port 4. 0 = Port 4 D+ Enabled 1 = Port 4 D+ Disabled Note: Both PRT_DIS_P4 and PRT_DIS_M4 must be tied to VDD33 at reset to disable the associated port. See Note 3.3 for more information on configuration straps. Table 3.1 Pin Descriptions (continued) NUM PINS NAME SYMBOL BUFFER TYPE DESCRIPTION |