Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DPG30C300PC Datasheet(PDF) 3 Page - IXYS Corporation

No. de pieza DPG30C300PC
Descripción Electrónicos  High Performance Fast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG30C300PC Datasheet(HTML) 3 Page - IXYS Corporation

  DPG30C300PC Datasheet HTML 1Page - IXYS Corporation DPG30C300PC Datasheet HTML 2Page - IXYS Corporation DPG30C300PC Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DPG 30 C 200 HB
advanced
Symbol
Inches
Millimeters
min
max
min
max
A
0.185
0.209
4.70
5.30
A1
0.087
0.102
2.21
2.59
A2
0.059
0.098
1.50
2.49
D
0.819
0.845
20.79
21.45
E
0.610
0.640
15.48
16.24
E2
0.170
0.216
4.31
5.48
e
0.215 BSC
5.46 BSC
L
0.780
0.800
19.80
20.30
L1
-
0.177
-
4.49
ØP
0.140
0.144
3.55
3.65
Q
0.212
0.244
5.38
6.19
S
0.242 BSC
6.14 BSC
b
0.039
0.055
0.99
1.40
b2
0.065
0.094
1.65
2.39
b4
0.102
0.135
2.59
3.43
c
0.015
0.035
0.38
0.89
D1
0.515
-
13.07
-
D2
0.020
0.053
0.51
1.35
E1
0.530
-
13.45
-
ØP1
-
0.291
-
7.39
Outlines TO-247
IXYS reserves the right to change limits, conditions and dimensions.
© 2007 IXYS all rights reserved
0629
Data according to IEC 60747and per diode unless otherwise specified



Html Pages

1 2 3