Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ECA1AM331 Datasheet(PDF) 3 Page - Panasonic Semiconductor

No. de pieza ECA1AM331
Descripción Electrónicos  Aluminum Electrolytic Capacitors/ M
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1AM331 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECA1AM331 Datasheet HTML 1Page - Panasonic Semiconductor ECA1AM331 Datasheet HTML 2Page - Panasonic Semiconductor ECA1AM331 Datasheet HTML 3Page - Panasonic Semiconductor ECA1AM331 Datasheet HTML 4Page - Panasonic Semiconductor ECA1AM331 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ M
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
(mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
35
330
10
12.5
440
0.14
0.6
5.0
5.0
ECA1VM331( )
200
500
470
10
16
550
0.14
0.6
5.0
5.0
ECA1VM471( )
200
500
1000
12.5
20
900
0.14
0.6
5.0
5.0
ECA1VM102( )
200
500
2200
16
25
1250
0.16
0.8
7.5
7.5
ECA1VM222( )
100
250
3300
16
31.5
1400
0.18
0.8
7.5
ECA1VM332
100
4700
18
35.5
1600
0.20
0.8
7.5
ECA1VM472
50
50
0.1
5
11
1.3
0.12
0.5
2.0
5.0
2.5
ECA1HM0R1( )
200
2000
0.22
5
11
2.9
0.12
0.5
2.0
5.0
2.5
ECA1HMR22( )
200
2000
0.33
5
11
4.4
0.12
0.5
2.0
5.0
2.5
ECA1HMR33( )
200
2000
0.47
5
11
5
0.12
0.5
2.0
5.0
2.5
ECA1HMR47( )
200
2000
15
11
10
0.12
0.5
2.0
5.0
2.5
ECA1HM010( )
200
2000
2.2
5
11
20
0.12
0.5
2.0
5.0
2.5
ECA1HM2R2( )
200
2000
3.3
5
11
35
0.12
0.5
2.0
5.0
2.5
ECA1HM3R3( )
200
2000
4.7
5
11
45
0.12
0.5
2.0
5.0
2.5
ECA1HM4R7( )
200
2000
10
5
11
65
0.12
0.5
2.0
5.0
2.5
ECA1HM100( )
200
2000
22
5
11
100
0.12
0.5
2.0
5.0
2.5
ECA1HM220( )
200
2000
33
5
11
110
0.12
0.5
2.0
5.0
2.5
ECA1HM330( )
200
2000
47
6.3
11.2
130
0.12
0.5
2.5
5.0
2.5
ECA1HM470( )
200
2000
100
8
11.5
250
0.12
0.6
3.5
5.0
ECA1HM101( )
200
1000
220
10
12.5
400
0.12
0.6
5.0
5.0
ECA1HM221( )
200
500
330
10
16
500
0.12
0.6
5.0
5.0
ECA1HM331( )
200
500
470
10
20
650
0.12
0.6
5.0
5.0
ECA1HM471( )
200
500
1000
12.5
25
1050
0.12
0.6
5.0
5.0
ECA1HM102( )
200
500
2200
16
31.5
1300
0.14
0.8
7.5
ECA1HM222
100
3300
18
35.5
1500
0.16
0.8
7.5
ECA1HM332
50
63
10
5
11
70
0.11
0.5
2.0
5.0
2.5
ECA1JM100( )
200
2000
22
5
11
105
0.11
0.5
2.0
5.0
2.5
ECA1JM220( )
200
2000
33
6.3
11.2
130
0.11
0.5
2.5
5.0
2.5
ECA1JM330( )
200
2000
47
6.3
11.2
160
0.11
0.5
2.5
5.0
2.5
ECA1JM470( )
200
2000
100
8
11.5
270
0.11
0.6
3.5
5.0
ECA1JM101( )
200
1000
220
10
16
450
0.11
0.6
5.0
5.0
ECA1JM221( )
200
500
330
10
20
550
0.11
0.6
5.0
5.0
ECA1JM331( )
200
500
470
12.5
20
750
0.11
0.6
5.0
5.0
ECA1JM471( )
200
500
1000
16
25
1100
0.11
0.8
7.5
7.5
ECA1JM102( )
100
250
2200
18
35.5
1400
0.13
0.8
7.5
ECA1JM222
50
100
0.47
5
11
10
0.10
0.5
2.0
5.0
2.5
ECA2AMR47( )
200
2000
15
11
20
0.10
0.5
2.0
5.0
2.5
ECA2AM010( )
200
2000
2.2
5
11
30
0.10
0.5
2.0
5.0
2.5
ECA2AM2R2( )
200
2000
3.3
5
11
40
0.10
0.5
2.0
5.0
2.5
ECA2AM3R3( )
200
2000
4.7
5
11
50
0.10
0.5
2.0
5.0
2.5
ECA2AM4R7( )
200
2000
10
5
11
70
0.10
0.5
2.0
5.0
2.5
ECA2AM100( )
200
2000
22
6.3
11.2
115
0.10
0.5
2.5
5.0
2.5
ECA2AM220( )
200
2000
Endurance : 85 °C 2000 h
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, i=2.5 mm.
The taping dimensions are explained on p.178 of our Catalog. Please use it as a reference guide.
Jul. 2008



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com